Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 52 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 52 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 48Page - Espros Photonics corp EPC635 Datasheet HTML 49Page - Espros Photonics corp EPC635 Datasheet HTML 50Page - Espros Photonics corp EPC635 Datasheet HTML 51Page - Espros Photonics corp EPC635 Datasheet HTML 52Page - Espros Photonics corp EPC635 Datasheet HTML 53Page - Espros Photonics corp EPC635 Datasheet HTML 54Page - Espros Photonics corp EPC635 Datasheet HTML 55Page - Espros Photonics corp EPC635 Datasheet HTML 56Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
The quality indicator for the distance noise is the ratio of ambient-light EBW to the peak-to-peak value of modulated light ETOF PP (AMR). This
value may be calculated and used additionally to the above amplitude value if the respective application is subject to intense ambient light.
The peak-to-peak irradiance ETOF sine PP of the modulated signal at the surface of a pixel can be calculate out of the AC sensitivity STOF sine,
the used integration time tINT-TOF, the reference integration time tINT-REF-TOF and the peak-to-peak amplitude ATOF sine PP of the received modulat-
ed signal the following way:
[6]
ETOF sine PP
= STOF sine⋅
t
INT-REF-TOF
t
INT-TOF
⋅ATOF sine PP e.g.
E
TOF sine PP = 0.62
nW
/mm
2
LSB
⋅
103
μ s
205
μ s
⋅1'000 LSB = 0.31μ W/mm
2
The formula to calculate the quality indicator “Ratio of ambient-light / modulated light” (AMR) is
[7]
AMR
[dB] = 20⋅ log
( EBW
E
TOFPP
)
e.g.
AMR
[dB] = 20⋅ log
(15.8μW/mm2
0.31
μ W/mm
2
) = 34dB
Refer for EBW to chapter 6.2. Grayscale mode.
This ratio is one of the influencing factors regarding the distance noise.
AMR value
Classification
Action
< 60 dB
excellent
No action necessary.
< 70 dB
sufficient
Is a lower noise level needed, do the next measurement with a longer integration time or with an in-
creased illumination power.
> 70 dB
weak
Do the next measurement with a longer integration time or with an increased illumination
power.
Table 29: Classification ratio ambient-light to modulated light (AMR) versus distance noise
There are also validity indicators delivered by the chip after a measurement. These will help to detect saturated or not illuminated pixels as
a result of too much/less illumination or too long/short integration time.
Validity indicator (per pixel)
Classification
Action
Saturation flag:
= set
Pixel saturation:
The pixel receives too much light (too much modulated
light-signal, too reflective object or too much ambi-
ent-light)
Refer to chapter 5.7.3. Pixel saturation detection and
pin XSYNC_SAT_CFG.
Dump data and repeat the measurement
with a decreased integration time or mea-
sure the ambient-light.
one or more of the DCSx values:
| DCSx | > 2'000 LSB
DCSx value over maximum signal limit:
The object is too reflective( It is too close to the sensor,
there is too bright illumination or too much modulation
signal is emitted)
Dump data and repeat the measurement
with a decreased integration time.
all DCSx values:
| DCSx | ≤ 25 LSB
DCSx values below noise level limit:
Absence of an object in the operating range.
The object has too little remission (reflectivity): It is too
far away, the illumination is too dim or too little modula-
tion signal is emitted)
Dump data and repeat the measurement
with an increased integration time.
Table 30: Validity indicator versus classification
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
52 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com