Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 71 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 71 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 67Page - Espros Photonics corp EPC635 Datasheet HTML 68Page - Espros Photonics corp EPC635 Datasheet HTML 69Page - Espros Photonics corp EPC635 Datasheet HTML 70Page - Espros Photonics corp EPC635 Datasheet HTML 71Page - Espros Photonics corp EPC635 Datasheet HTML 72Page - Espros Photonics corp EPC635 Datasheet HTML 73Page - Espros Photonics corp EPC635 Datasheet HTML 74Page - Espros Photonics corp EPC635 Datasheet HTML 75Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
8.4. Register map
Address Register name
Ref.
Description
Access
standard
Access
advanced
Memory and EEPROM controller registers
0x00
IC_TYPE
8.6.1.
Unique IC Type for device family identification
R
R
0x01
IC_VERSION
8.6.1.
Unique IC Version for device mask identification
R
R
0x02
…
0x10
reserved
---
---
0x11
EE_ADDR
8.6.2.
Address for indirect read/write access to EEPROM
RW
RW
0x12
EE_DATA
8.6.2.
Data for indirect read/write access to EEPROM
RW
RW
0x13
EE_MASK
8.6.2.
Mask bits for indirect write access to EEPROM
RW
RW
0x14
…
0x1B
reserved
---
---
TCMI ESM registers
0x1C
TCMI ESM_FS
8.6.3
TCMI ESM frame start label
RW
RW
0x1D
TCMI ESM_FE
8.6.3
TCMI ESM frame end label
RW
RW
0x1E
TCMI ESM_LS
8.6.3
TCMI ESM line start label
RW
RW
0x1F
TCMI ESM_LE
8.6.3
TCMI ESM line end label
RW
RW
Strap registers
0x20
0x21
Strap_hi
Strap_lo
8.6.4.
Strap Scan Value Hold Register
R
R
Modulation table registers
0x22
0x23
0x24
MT_0_hi
reserved
MT_0_lo
8.6.5.
MT-vector: Sine mode DCS0
RW
RW
0x25
0x26
0x27
MT_1_hi
reserved
MT_1_lo
8.6.5.
MT-vector: Sine mode DCS1
RW
RW
0x28
0x29
0x2A
MT_2_hi
reserved
MT_2_lo
8.6.5.
MT-vector: Sine mode DCS2
RW
RW
0x2B
0x2C
0x2D
MT_3_hi
reserved
MT_3_lo
8.6.5.
MT-vector: Sine mode DCS3
RW
RW
0x2E
…
0x39
reserved
---
---
0x3A
0x3B
0x3C
MT_8_hi
reserved
MT_8_lo
8.6.5.
MT-vector: Grayscale mode
RW
RW
0x3D
…
0x5F
reserved
---
---
Temperature sensor registers
0x60
0x61
Sum_Temp_tl_hi
Sum_Temp_tl_lo
8.6.6.
Temperature sensor
R
R
0x62
...
0x6F
reserved
---
---
Table 40: Address map of the control page (0x00 ~ 0x7F)
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
71 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com