Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 77 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 77 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 73Page - Espros Photonics corp EPC635 Datasheet HTML 74Page - Espros Photonics corp EPC635 Datasheet HTML 75Page - Espros Photonics corp EPC635 Datasheet HTML 76Page - Espros Photonics corp EPC635 Datasheet HTML 77Page - Espros Photonics corp EPC635 Datasheet HTML 78Page - Espros Photonics corp EPC635 Datasheet HTML 79Page - Espros Photonics corp EPC635 Datasheet HTML 80Page - Espros Photonics corp EPC635 Datasheet HTML 81Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
Strap_lo
Strap Scan Value Hold Register (low)
0x21
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
strap0
Operation
R
Default
0
0
0
0
0
0
0
0
0x00
strap15:
reserved, displays pin XYSNC_SAT_CFG
strap14:
I2C Device Address: A1, on HYSNC_A1
strap13:
I2C Device Address: A0, on VYSNC_PSDIAG_A0
strap12:
reserved, displays pin DCLK
strap11 ... strap8:
reserved, not mapped to pins
strap7 ... strap0:
reserved, displays pins DATA[7:0]
Note 1:
Default start-up values of these registers are only valid until end of reset phase. Values might be overwritten by external pull-up
resistors during strap scan phase when reset is released.
Note 2:
Read access on this register does not initiate a strap scan phase. This register simply holds the last scanned value when reset
is released.
8.6.5. MT_
MT_0_hi
MT-vector: Sine mode DCS 0 (high)
0x22
Bit No.
23
22
21
20
19
18
17
16
Bit name
reserved
readout_mode
mgx1_dcs_num
mgx0_dcs_num
Operation
RW
Default
0
0
1
1
0
0
0
0
0x30
Modulation Table Vector bit definitions:
readout_mode:
Readout mode of the vector
00: differential-ended readout MGA and MGB (ABS disabled, Saturation detection not active)
01: single-ended readout MGA
10: single-ended readout MGB
11: differential-ended readout MGA and MGB (ABS enabled). Default use.
mgx1_dcs_num:
DCS frame number of the vector for mgx1 modulator outputs (mga1, mgb1)
00: DCS 0
01: DCS 1
10: DCS 2
11: DCS 3
mgx0_dcs_num:
DCS frame number of the vector for mgx0 modulator outputs (mga0, mgb0)
00: DCS 0
01: DCS 1
10: DCS 2
11: DCS 3
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
77 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com