Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 7 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 7 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 3Page - Espros Photonics corp EPC635 Datasheet HTML 4Page - Espros Photonics corp EPC635 Datasheet HTML 5Page - Espros Photonics corp EPC635 Datasheet HTML 6Page - Espros Photonics corp EPC635 Datasheet HTML 7Page - Espros Photonics corp EPC635 Datasheet HTML 8Page - Espros Photonics corp EPC635 Datasheet HTML 9Page - Espros Photonics corp EPC635 Datasheet HTML 10Page - Espros Photonics corp EPC635 Datasheet HTML 11Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
1.5. Optical characteristics
Typ. operational ratings, TA = +25ºC, unless otherwise stated
Parameter
Description
Conditions/Comments
Min.
Typ.
Max.
Units
APIXEL
Photosensitive area
1 pixel
20 x 20
μm
ASENSOR
Photosensitive area
160 x 60 pixel
3.2 x 1.2
mm
Hν
Optical sensitivity
143'770
LSB
Lux
/sec
ATOF
TOF amplitude
dynamic range for distance measurement
25
2'046
LSB
ABW
Grayscale amplitude
dynamic range for grayscale measurement
0
2'047
LSB
tINT
Integration time
see Table 34
0.10
52'600
μs
ΔDDRIFT
Distance drift
without DLL
with DLL and fully optimized system design
tbd
tbd
cm/K
cm/K
Table 5: Optical characteristics
1.6. TOF and grayscale sensitivity
Typ. operational ratings, TA = +25ºC, modulation frequency 20MHz, integration time 100 µs, unless otherwise stated
Optical band
640nm
850nm
940nm
Typ. TOF sensitivity STOF
0.814 nW/mm
2
LSB
0.620 nW/mm
2
LSB
0.814 nW/mm
2
LSB
Typ. Grayscale sensitivity
0.246 nW/mm
2
LSB
Table 6: TOF and grayscale sensitivity
1.7. Ambient-light / background-light (BG) suppression
Typ. operational ratings, TA = +25ºC, modulation frequency 20MHz, unless otherwise stated
Irradiance vs
sunlight equivalent
Int. time
Optical path
Optical band
640nm, ± 27.5nm
850nm, ± 32.5nm
940nm, ± 30nm
BG suppression ESup
100 µs
on chip surface
> 0.265 mW/mm2
> 0.200 mW/mm2
> 0.265 mW/mm2
Sunlight equivalent
500µs
on chip surface
> 70 kLux
> 69 kLux
> 192 kLux
Table 7: Background-light suppression
Note: Best performance of ambient-light suppression will be achieved with integration times < 1ms.
400
500
600
700
800
900
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Wavelength [nm]
0
10 20 30 40 50 60 70 80 90 100
1
10
100
Angle of incidence [deg]
630nm
500nm
850nm
950nm
Figure 3: Relative spectral sensitivity (Sλ)
sensitivity SAC vs. wavelength
Figure 4: Reflectance vs. illumination angle (AOI)
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
7 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com