Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 53 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 53 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 49Page - Espros Photonics corp EPC635 Datasheet HTML 50Page - Espros Photonics corp EPC635 Datasheet HTML 51Page - Espros Photonics corp EPC635 Datasheet HTML 52Page - Espros Photonics corp EPC635 Datasheet HTML 53Page - Espros Photonics corp EPC635 Datasheet HTML 54Page - Espros Photonics corp EPC635 Datasheet HTML 55Page - Espros Photonics corp EPC635 Datasheet HTML 56Page - Espros Photonics corp EPC635 Datasheet HTML 57Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
Table 31 shows a quality decision matrix as a summary of the validity and quality parameters for the distance measurement.
Step
Sensor status
Pixel
saturation
Maximum
signal
Noise
level
Modulated light amplitude
Ratio ambient to
modulated light
Action
XSYNC_
SAT
min. one
| DCSx |
all
| DCSx |
ATOF PP
AMR
1
Saturation or bright ob-
ject within scene
flag set
Repeat measurement with
decreased integration time and/or illumination
2
Saturation or bright ob-
ject within scene
no
> 2'000 LSB
Repeat measurement with
decreased integration time and/or illumination
4
No object detected
no
< 2'000 LSB
< 25 LSB
Repeat measurement with
increased integration time or illumination
3
Overexposure or bright
object within scene
no
< 2'000 LSB
> 25 LSB
> 2'000 LSB
Repeat measurement with
decreased integration time or illumination
4
No object detected
no
< 2'000 LSB
> 25 LSB
<
25 LSB
Repeat measurement with
increased integration time or illumination
5
Too much ambient-light
no
< 2'000 LSB
> 25 LSB
25 LSB … 2'000 LSB
> 60 db (or > 70 dB)
Repeat measurement with
increased integration time or illumination
6
Object detected
no
< 2'000 LSB
> 25 LSB
Good:
100 … 2'000 LSB
Enough:
25 … 100 LSB
< 60 db (or < 70 dB)
No action necessary
Table 31: Quality decision matrix
6.2. Grayscale mode
The grayscale mode allows using the epc635 as a grayscale imager. This mode can be used either without LED/LD illumination for ambi-
ent-light measurements or with LED/LD for active illumination of the scenery.
The grayscale measurement uses the regular DCS measurement but only with DCS0. It is performed in single-ended mode with readout of
MGA. Refer to chapter 8.6.5, MT registers. Corresponding registers settings can be found in Table 32.
There will be a one frame acquisition with the 12 bit grayscale values.
Due to the fact that distance measurement results can be influenced by ambient-light, the grayscale measurement without illumination can
thereof be used as an important quality and correction parameter for the distance measurement.
Grayscale: Quality of the measurement result
The same rules apply for data quality and validity as given in section “Sine mode: Quality of the measurement result”. The saturation flag
status is invalid in this mode.
These grayscale values can also be used for estimating quality information during sine mode for the 3D TOF distance calculations.
The irradiance EBW of the grayscale signal at the surface of a pixel can be calculate out of the DC sensitivity S BW, the used integration time
tINT-BW, the reference integration time tINT-REF-BW and the amplitude DCS0 of the grayscale signal the following way:
[8]
EBW
= SBW⋅
t
INT-REF-BW
t
INT-BW
⋅DCS0
e.g.
E
BW = 0.246
nW
/mm
2
LSB
⋅
103
μ s
1.6
μ s
⋅1'000 LSB = 15.84μ W/mm
2
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
53 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com