Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 28 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 28 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 24Page - Espros Photonics corp EPC635 Datasheet HTML 25Page - Espros Photonics corp EPC635 Datasheet HTML 26Page - Espros Photonics corp EPC635 Datasheet HTML 27Page - Espros Photonics corp EPC635 Datasheet HTML 28Page - Espros Photonics corp EPC635 Datasheet HTML 29Page - Espros Photonics corp EPC635 Datasheet HTML 30Page - Espros Photonics corp EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
5.4.8. I2C control command examples:
To simplify command sequence definitions, following C-programming language style functions are defined for the I2C master CPU:
■ i2cGeneralCall(byte genAdr, byte cmd);
// 20 x tSCL = 20µs
■ i2cSingleWrite(byte devAdr, byte regAdr, byte regVal);
// 29 x tSCL = 29µs
■ i2cMultiWrite(byte devAdr, byte regAdr, byte* regVal, byte n
// 20 + (n x 9 x tSCL) = 20 + (n x 9)µs
■ byte i2cSingleRead(byte devAdr, byte regAdr);
// 39 x tSCL = 39µs
■ byte* i2cMultiRead(byte devAdr, byte regAdr, byte n);
// 30 + (n x 9 x tSCL) = 30+(n x 9)µs
Software reset with I2C general call command
PRECONDITION: None
1.
i2cGeneralCall(0x00, 0x06);
// Software reset, same effect like RESET pin, 20µs
2.
…
// Wait for tRESET (> 100ns, see chapter 5.3.2., Software reset via I2C)
continue frame acquisition
Activates device address with I2C general call command
PRECONDITION: None
1.
i2cGeneralCall(0x00, 0x04);
// Activates I2C device address, 20µs
2.
i2cSingleWrite(0x22, 0x92, 0x34);
// Start with Sine mode, 4x DCS acquisition on I2C device 0x22...
3.
i2cMultiWrite(0x22, ...
4.
...
continue frame acquisition
Sine mode, 4x DCS mode: Acquire DCS 0 … 3 frames with integration time = 10µs
PRECONDITION: All other registers contain default values.
1.
i2cSingleWrite(0x20, 0x92, 0x34);
// MOD_Control = 0x34 (mod_sel = 00, dcs_sel = 11), 29µs
2.
i2cMultiWrite(0x20, 0xA2, &(0x031F), 2);
// Int_len = 0x031F (Integration time = 10µs), 38µs
3.
i2cSingleWrite(0x20, 0xA4, 0x01);
// Shutter_Control = 0x01, (shutter_en = 1), 29µs
4.
…
// Acquisition starts. Wait until all 4x DCS frames are finished.
done.
Sine mode, 4x DCS mode: Acquire DCS 0 … 3 with integration time = 10µs, followed by DCS 0 … 3 with integration time 200µs
PRECONDITION: All other registers contain default values.
1.
i2cSingleWrite(0x20, 0x92, 0x34);
// MOD_Control = 0x34 (mod_sel = 00, dcs_sel = 11), 29µs
2.
i2cMultiWrite(0x20, 0xA2, &(0x031F), 2);
// Int_len = 0x031F (integration time = 10µs), 38µs
3.
i2cSingleWrite(0x20, 0xA4, 0x01);
// Shutter_Control = 0x01, (shutter_en = 1), 29µs
4.
…
// Acquisition starts. Wait until all 4x DCS frames are finished.
5.
i2cMultiWrite(0x20, 0xA2, &(0x3E7F), 2);
// Int_len = 0x3E7F (integration time = 200µs), 38µs
6.
i2cSingleWrite(0x20, 0xA4, 0x01);
// Shutter_Control = 0x01, (shutter_en = 1), 29µs
7.
…
// Acquisition starts. Wait until all 4x DCS frames are finished.
done.
Sine mode, 2x DCS mode: Acquire DCS 0, 1 frames with integration time = 10µs
PRECONDITION: All other registers contain default values.
1.
i2cSingleWrite(0x20, 0x92, 014);
// MOD_Control = 0x14 (mod_sel = 00, dcs_sel = 01), 29µs
2.
i2cMultiWrite(0x20, 0xA2, &(0x031F), 2);
// Int_len = 0x031F (integration time = 10µs), 38µs
3.
i2cSingleWrite(0x20, 0xA4, 0x01);
// Shutter_Control = 0x01, (shutter_en = 1), 29µs
4.
…
// Acquisition starts. Wait until all 2x DCS frames are finished.
done.
Indirect single write to EEPROM: Store 2 bytes at address 0xE8 and 0xE9
PRECONDITION: None
1.
i2cSingleWrite(0x20, 0x11, 0xE8);
// EE_ADDR = 0xE8, 29µs
2.
i2cSingleWrite(0x20, 0x12, 0x22);
// EE_DATA = 0x22 (Temp_tl_cal1 = 0x22), 29µs + 20ms = ~20ms
3.
i2cSingleWrite(0x20, 0x12, 0x28);
// EE_DATA = 0x28 (Temp_tl_cal2 = 0x28), 29µs + 20ms = ~20ms
4.
...
done.
Note 1:
Start address is written in EE_ADDR.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
28 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com