Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 80 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 80 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 76Page - Espros Photonics corp EPC635 Datasheet HTML 77Page - Espros Photonics corp EPC635 Datasheet HTML 78Page - Espros Photonics corp EPC635 Datasheet HTML 79Page - Espros Photonics corp EPC635 Datasheet HTML 80Page - Espros Photonics corp EPC635 Datasheet HTML 81Page - Espros Photonics corp EPC635 Datasheet HTML 82Page - Espros Photonics corp EPC635 Datasheet HTML 83Page - Espros Photonics corp EPC635 Datasheet HTML 84Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
8.6.6. Sum_Temp_
Sum_Temp_tl_hi
Temperature sensor (high)
0x60
Bit No.
15
14
13
12
11
10
9
8
Bit name
reserved
Sum_Temp_tl[13:8]
Operation
R
Default
0
0
0
0
0
0
0
0
0x00
Note:
Description see Sum_Temp_tl_lo
Sum_Temp_tl_lo
Temperature sensor (low)
0x61
Bit No.
7
6
5
4
3
2
1
0
Bit name
Sum_Temp_tl[7:0]
Operation
R
Default
0
0
0
0
0
0
0
0
0x00
Sum_Temp_tl_lo:
Sum of 4 temperature readings. For details refer to chapter 5.8.
8.6.7. DLL_status
DLL_status
DLL manual control: Status
0x70
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
dll_fb_lead
_stat
dll_ref_lead
_stat
dll_error_stat dll_filter_stat
dll_match
_stat
dll_lock_stat
Operation
R
Default
0
0
0
0
0
0
0
0
0x00
dll_fb_lead_stat:
Live status signal indicating the feedback waveform is leading over the reference. Used to implement the delay
control by SW.
dll_ref_lead_stat:
Live status signal indicating the reference waveform is leading over the feedback. Used to implement the delay
control by SW.
dll_error_stat:
Asserted when the delay to be compensated is out of reach for the delay line.
dll_filter_stat:
Asserted when the DLL jitter filter is active.
dll_match_stat:
Asserted when the residual delay between the reference and feedback is less than ~120ps.
dll_lock_stat
Asserted when the residual delay between the reference and feedback is less than ~2.4ns.
8.6.8. DLL_fine_ctrl_ext
DLL_fine_ctrl_ext_hi
DLL manual control: External fine control (high)
0x71
Bit No.
15
14
13
12
11
10
9
8
Bit name
reserved
DLL_fine_ctrl_ext[9:8]
Operation
RW
Default
0
0
0
0
0
0
0
0
0x00
Note:
Description see DLL_fine_ctrl_ext_lo
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
80 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com