Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 30 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 30 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 26Page - Espros Photonics corp EPC635 Datasheet HTML 27Page - Espros Photonics corp EPC635 Datasheet HTML 28Page - Espros Photonics corp EPC635 Datasheet HTML 29Page - Espros Photonics corp EPC635 Datasheet HTML 30Page - Espros Photonics corp EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
5.5. LED driver
The LED driver has two different outputs LED and LED2.
The LED output is an open-drain MOSFET device. It can sink up to 500mA peak current during operation. The modulation signal is a
square-wave up to typically 20MHz with a duty cycle of 50% which depends on the mode of operation.
IMPORTANT: There are non-modulating DC modes (e.g. grayscale with LED/LD illumination) which keeps the LED driver always turned
on. In this case, the user has to take care that LED driver and the epc635 chip does not exceed the maximum operating limits.
The LED2 output is a digital push-pull driver output.
The LED_driver register contains several static bit fields that can be used for setting drive strength, polarity, etc. depending on the external
LED/LD circuitry used in the application (see chapter 8.7.6.). These bit fields must not be modified during the frame acquisition.
■ led2_en bit enables the LED2 push-pull driver. LED and LED2 must not be simultaneously used. When LED2 is used, LED can be
turned off by led_drv_en = 0
■ The led_drv_sel bits set LED driver output maximum current e.g. for 200mA to 100% , 64%, 46% or 33%. Refer to chapter 8.7.6,
LED_driver.
■ The led_on bit permanently turns on the LED/LD (torch function). Keep care to the power dissipations if you operate the LEDs and laser
diodes in this mode.
■ The led_drv_en bit enables the internal LED driver circuits. The enabled after reset (default), can be disabled if there will be no frame ac-
quisition for a long time.
■ The led_inv_en bit sets the polarity of the LED driver (inverts LED and LED2 pin). This must be set/cleared with respect to external
LED/LD driver circuit topology and stored in the EEPROM. It is cleared after reset (default), which matches to the simple external LED
circuit shown in Figure 14.
■ led_ssr_en bit sets a slower slew rate for the LED driver (part of the LED driver transistor is switched on with a delay to lower the current
peaks).
5.6. DLL (Delay Locked Loop)
The LED driver and the LEDs/LDs may shift the phase depending of temperature, ageing, etc.. The deviations are from seconds up to sev -
eral minutes and longer and impact the performance of the distance accuracy. The built-in DLL circuit minimizes this behaviour by com -
pensating the delay of the critical signals. It is located between the modulator and the LED driver (see Figure 26). LED pin is used only in
this description for simplification. Nevertheless, the explanation is valid for both LED and LED2 output.
LED Driver
Modulator
led_fb
∆
Phase
Detector
x-Delay
160x60
Pixel Field
mga_ref
mga
led_mod
D1
R2
R1
Dn
R3
m-Clk
Delay
n-Clk
Delay
epc635
A
B
mgx_delay_sel
dist_offset
led_preheat_en
led_drv_en
led_inv_en
Demodulator
DLL
0
1
dll_bypass
dll_fb_pol
1
0
1
0
ext_mod_clk
mod_clk_sel
pll_clk
dll_ctrl_ext
VSSLED
LED
LEDFB
led_drv_sel
led_on
VDDLED
led_ssr_en
led2_en
LED2
mod_clk
1
0
ext_mod_clk
mod_clk_sel
mod_clk
1
0
ext_mod_clk
mod_clk_sel
mod_clk_div
Figure 26: Simplified modulator, demodulator, DLL and LED driver diagram
The modulator invokes the DLL before DCS frame acquisition at the rate set by the DLL_measurement_rate register (see Figure 27,
tSYNCH). This stimulates the mga demodulation signal. After passing digital delay stages, it is distributed to the pixels in the pixel-field (Figure
26, red path, point A). The same time, the led_mod signal passes the DLL, the LED driver, the LED pin until it comes to the LED circuit
(blue path, point B) which generates the modulated IR light. The DLL compares the demodulation signal phase coming from the pixel
(point A) with the feedback signal (LEDFB pin) the LED circuit (point B). The distance reading error is minimal if the delays on the signals
from points A and B are identical. The DLL minimizes deviations by adding a certain delay on the led_mod signal (x-Delay).
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
30 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com