Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 51 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 51 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 47Page - Espros Photonics corp EPC635 Datasheet HTML 48Page - Espros Photonics corp EPC635 Datasheet HTML 49Page - Espros Photonics corp EPC635 Datasheet HTML 50Page - Espros Photonics corp EPC635 Datasheet HTML 51Page - Espros Photonics corp EPC635 Datasheet HTML 52Page - Espros Photonics corp EPC635 Datasheet HTML 53Page - Espros Photonics corp EPC635 Datasheet HTML 54Page - Espros Photonics corp EPC635 Datasheet HTML 55Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
The following terms are used for the formulas:
DTOF sine
Distance in meters [m]
c
Speed of light e.g. 300'000'000m/s
fLED
LED/LD modulation frequency e.g. 20MHz
DCS0 - DCS3
Sampling amplitude [LSB]
φ
Phase shift caused by the time-of-flight [rad]
DOFFSET
Offset compensation [m]
In the real case of 4x DCS samples used with π-delay matching algorithm, the time of flight calculation will be:
[1]
tTOF sine
[sec ] =
1
2
π f
LED
⋅
[π + atan2(DCS2−DCS0, DCS3−DCS1)] + t
OFFSET
then, the distance calculation will be (c is the speed of light):
[2]
DTOF sine
[m] =
c
2 ⋅
1
2
π fLED
⋅
[π + atan2(DCS2−DCS0, DCS3−DCS1)] + D
OFFSET
2π phase wrap-around
If DTOF sine > DUnambiguity:
DTOF = DTOF sine - DUnambiguity,
if DTOF sine < DUnambiguity:
DTOF = DTOF sine + DUnambiguity,
else:
DTOF = DTOF sine
DUnambiguity
[m] =
c
2 ⋅
1
f LED
Based on the ideal case of 2x DCS samples (without any offsets), the time of flight may be computed as follows:
[3]
tTOF sine
[sec] =
1
2
π f
LED
⋅
[π + atan2(−DCS0, −DCS1)]
then, the distance calculation is:
[4]
DTOF sine
[m] =
c
2 ⋅
1
2
π fLED
⋅
[π + atan2(−DCS0, −DCS1)]
Sine mode: Quality of the measurement result
The epc635 provides information on the quality and the validity of the received optical signal. This reflects the confidence level of the mea -
surement result. The better the received signal, the better and more precise the distance measurement will be.
Each distance measurement of every pixel has its own validity and quality.
The primary quality indicator for the measured distance data is the peak-to-peak amplitude value of the received modulated light
ATOF sine PP. The amplitude is in direct relation ship to the distance noise: Refer to Figure 5.
After each measurement, this needs to be calculated from the DCSx values delivered by the chip. This amplitude value is the feedback pa-
rameter that is used to set the integration time for the next measurement.
[5]
ATOFsinePP =
√(DCS2−DCS0)2
4
+
(DCS3−DCS1)
2
4
Amplitude ATOF sine PP
Classification
Action
< 25 LSB
Weak illumination
Too less signal for an accurate measurement:
Increase integration time for the next measurement
25 … 100 LSB
Enough signal for a useful measurement
Distance noise approx. 4 times higher than the optimum:
No action necessary. See note below
100 … 2'000 LSB
Good signal strength
No action necessary. See note below
> 2'000 LSB
Overexposed
Decrease integration time for the next measurement.
See note below
Table 28: Signal amplitude versus classification
Note:
Generally, the higher the received signal, the better and more precise the distance measurement will be. However, it is good practice to
control the integration time such that an amplitude value between 200 ... 1'000 LSB is achieved. Higher values will only slow down the ac-
quisition rate due to longer integration times, but are not significantly improving signal to noise ratio.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
51 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com