Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 46 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 46 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 42Page - Espros Photonics corp EPC635 Datasheet HTML 43Page - Espros Photonics corp EPC635 Datasheet HTML 44Page - Espros Photonics corp EPC635 Datasheet HTML 45Page - Espros Photonics corp EPC635 Datasheet HTML 46Page - Espros Photonics corp EPC635 Datasheet HTML 47Page - Espros Photonics corp EPC635 Datasheet HTML 48Page - Espros Photonics corp EPC635 Datasheet HTML 49Page - Espros Photonics corp EPC635 Datasheet HTML 50Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
Memory space estimation:
The data-out operation transfers effectively 160x60pixel x 13bits/pixel (12 bit DATA + 1 bit SAT) = 124'800 bits (125kBit) pixel data with
each frame via the TCMI interface.
In a typical application with a CPU having a high-speed parallel interface (GPIO, CPI, CMI, etc.), each 13 bit sample is packed into a 2-
byte word, then stored in the application's frame buffer (internal SDRAM of the CPU or external SDRAM bridged via CPU). In that case, a
burst (1 row) makes 320 bytes. The frame acquisition including all rows/columns requires a storage space maximum of 19'200 bytes or
around 19kbyte per frame (1 kbyte = 1'024 bytes). For the 3D TOF distance measurements with 4 DCS, the application frame buffer must
be large enough to accommodate at least 4 DCS frames plus (may be) another 1 DCS frame size to store back the calculated distance
data. For a smooth SW programming, doubling this space is highly recommended as a bare minimum for the application frame buffer size.
This corresponds to a total of 2 x (4 + 1) x 19 kbytes = 190kbytes memory space. In practice, this can be realized with a single 256 kByte
SDRAM. Depending on the complexity of the application SW, this size must be increased.
5.9.7. Example applications of CPU architectures for high-speed frame data transfer
Several possible application CPU, DSP, FPGA configurations can be used with the epc635. Here are two architectures proposed as ex-
amples, to give the application developer a high-level overview.
The first one is a completely symmetric, non-blocking application frame buffer CPU architecture with a high-throughput imager to applica-
tion frame buffer data transfer concept. While the frame is continuously acquired, the current frame data is streamed from the epc635 to
the application frame buffer A. At the same time,the CPU can access and calculate the previously acquired data from the application frame
buffer B. The next frame, the memory channels are dynamically swapped between epc635 and the CPU by re-configuring the DMA chan-
nels. As there are two physically identical, separated memory channels, both transfers can flawlessly happen at the same time (see Figure
44).
DCLK
SHUTTER
XSYNC_SAT_CFG
HSYNC_A1
VSYNC_A0
DATA[7:0]
CPU / DSP
FIFO / DMA A
FIFO / DMA B
Frame A – Calc. Distance
Frame A - DCS3
Frame A - DCS2
Frame A - DCS1
Frame A - DCS0
Appl. frame buffer A
128kByte SDRAM
Frame B – Calc. Distance
Frame B - DCS0
Frame B - DCS1
Frame B - DCS2
Frame B - DCS3
Appl. frame buffer B
128kByte SDRAM
D-
D+
PC
Application
SW
Int. frame buffer C
128 – 512kByte SRAM
A1
B2
B2
A2
A2
B1
ARM / DSP Core
128kByte SRAM, Prog.
C1
- Calc. Distance (3D)
- Cal. black & white (2D)
- Ctrl. INTs & DMAs
- Ctrl. epc635 via I2C & GPIO
- Ctrl. USB link with PC
- House keeping
App. CPU
Appl. program memory
512kByte FLASH, serial
SDA
SCL
epc635
Figure 44: Symmetric, non-blocking application frame buffer CPU architecture
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
46 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com