Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 17 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 17 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 13Page - Espros Photonics corp EPC635 Datasheet HTML 14Page - Espros Photonics corp EPC635 Datasheet HTML 15Page - Espros Photonics corp EPC635 Datasheet HTML 16Page - Espros Photonics corp EPC635 Datasheet HTML 17Page - Espros Photonics corp EPC635 Datasheet HTML 18Page - Espros Photonics corp EPC635 Datasheet HTML 19Page - Espros Photonics corp EPC635 Datasheet HTML 20Page - Espros Photonics corp EPC635 Datasheet HTML 21Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
5. Functional Description
Memory
Controller
&
Registers
Phase
Detector
m+n
Clock Delay
Pixel
Cont.
&
Seq.
Memory
I2C Slave
TCMI
160x60
Pixel Field
SCL
SDA
VDD
VDDIO
XTALOUT
XTALIN_CLKIN
PLL
CGU
ADC Read-Out
Charge
Pump
13V
EEPROM
LED Driver
LED (open-drain)
Modulator
LEDFB
De-
modulator
DATA[11:0]
DCLK
VBS
Temp.
Sensor
VSSLED
VSYNC_PSDIAG_A0
VSSIO
VSS
ROW Buffer
VDDPXH
epc635
OSC
VDDA
VSSA
SHUTTER
JTAG
HSYNC_A1
XSYNC_SAT_CFG
RGU
DLL
0
1
LED2 (push-pull)
Figure 13: Block diagram
Figure 13 shows the relations between the functional blocks with signal flow diagram.
Based on the clock and mode setup of the chip, the modulation signal is generated and output over the LED driver to the external IR LED .
Current flowing through the LED output pin can be monitored via LEDFB pin. This information is used for compensating delays generated
due to temperature changes and aging of the LED in the system. Instead of an LED, also laserdiodes (LD) can be used. An external illumi -
nation driver can be driven by the digital signal of the LED2 output.
The compensation is used for delaying the demodulation signal going into the pixel-field.
In the pixel-field, the reflecting IR light returning from the object is captured and converted to electrons which are transferred into two stor-
age gates within each pixel (MGA and MGB) depending on the phase information of the demodulation signal.
The parallel ADC blocks on top and bottom pixel-field efficiently convert and transfer the phase information to the digital domain where it
will be formatted and finally output via the TCMI for external distance calculation.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
17 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com