Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 32 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 32 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 28Page - Espros Photonics corp EPC635 Datasheet HTML 29Page - Espros Photonics corp EPC635 Datasheet HTML 30Page - Espros Photonics corp EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp EPC635 Datasheet HTML 35Page - Espros Photonics corp EPC635 Datasheet HTML 36Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
5.6.2. DLL filters
Two digital filter stages which average by counting the number of LED pulses (DLL_filter_control.dll_filter_ctrl_s1_sel) and DCS frames
(DLL_filter_control.dll_filter_ctrl_s2_sel), allow to adapt the DLL locking operation to slow changing environmental conditions, such as tem-
perature effects. The filter control loop re-applies averaged lock values only at those programmed count times back to DLL's delay line re -
gisters. DLL filter s1 allows binary count steps of 8, 16, 32, … 512 LED pulses; whereas DLL filter s2 uses 2, 4, 8, … 128 DCS frame
steps. Optimal s1 and s2 settings depend on the application system.
5.7. Pixel-field
5.7.1. Pixel coordinates
The epc635 pixel-field consists of a total of 168 x 72 pixels. 4 rows top/bottom and 6 columns left/right on the periphery of the pixel-field
contain dummy pixels. The active pixels for TOF and grayscale imaging modes are in the central rectangle area forming a full Half-QQVGA
resolution 160 x 60 pixel (Figure 29).
The upper-left corner (top view on chip) is the origin (4/6) of the epc635 pixel-field. X-axis starts at 4 and counts up to 163 to the right. Pixel
y-axis starts at 6 and counts up to 65 to the bottom. All readout modes and control registers use this coordinate system to set or change
modes of the chip.
Readout starts at the bottom of the pixel-field and continues towards up, row by row.
The internal readout of a row is split in two sections: first all even pixels; second all odd pixels. Later on the TCMI interface presents the
row in the regular order with even and odd pixels mixed.
E
E
E O E O
E
E
E O E O
dummy pixels
Top
Pixel Field
0
1
2
3
4
5
R6
7
8
9
66
67
68
69
70
71
R65
64
effective columns
Data out buffer: even & odd pixels; 160 x (12 bit DATA + SAT flag)
E O E O
E O
ADC: even or odd pixels; 80 x (12 bit DATA + SAT flag)
E
E
E
pixel
coordinates
x
y
Temp. sensor
dummy pixels
readout columns
Figure 29: pixel-field coordinates with row and column numbering scheme
(top-view, solder balls are bottom side)
5.7.2. Pixel architecture
The pixels are placed in groups 2x2 pixels, called herein “pixel group”. The pixel group performs two basic operations: Measurement (inte-
gration) and readout (ADC). Pixels are named as UE (Upper-row, Even-column), UO (Upper-row, Odd-column), LE (Lower-row, Even-col-
umn) and LO (Lower-row, Odd-column) depending on their location within the pixel group (see Figure 29). Pixels with the same name are
controlled simultaneously in the whole pixel-field. More precisely, pixels in the upper and lower rows are controlled simultaneously during
measurement, pixels in the even and odd columns are controlled simultaneously during readout.
The pixel group architecture allows the epc635 to operate the pixel-field in different modes and in combinations thereof according the fol-
lowing chapters.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
32 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com