Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 107Page - National Semiconductor (TI) PC87372 Datasheet HTML 108Page - National Semiconductor (TI) PC87372 Datasheet HTML 109Page - National Semiconductor (TI) PC87372 Datasheet HTML 110Page - National Semiconductor (TI) PC87372 Datasheet HTML 111Page - National Semiconductor (TI) PC87372 Datasheet HTML 112Page - National Semiconductor (TI) PC87372 Datasheet HTML 113Page - National Semiconductor (TI) PC87372 Datasheet HTML 114Page - National Semiconductor (TI) PC87372 Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
9.0 Legacy Functional Blocks (Continued)
111
www.national.com
Revision 1.2
9.1.2
FDC Bitmap Summary
The FDC supports two system operation modes: PC-AT mode and PS/2 mode. Unless specifically indicated otherwise, all
fields in all registers are valid in both operation modes.
06h
N/A
X
07h
DIR
Digital Input
R
CCR
Configuration Control
W
1. From the 8-byte aligned FDC base address.
Table 42. FDC Bitmap Summary
Register
Bits
Offset
Mnemonic
76543210
00h
SRA1
1. Applicable only in PS/2 Mode.
IRQ
Pending
Reserved
Step
TRK0
Head
Select
INDEX
WP
Head
Direction
01h
SRB1
Reserved
Drive
Select 0
Status
WDATA
RDATA
WGATE
MTR1
MTR0
02h
DOR
Reserved
Motor
Enable 1
Motor
Enable 0
DMAEN
Reset
Controller
Drive Select
03h
TDR
Reserved
Tape Drive Select 1,0
TDR2
2. Applicable only in Enhanced TDR Mode.
Reserved (must be 1111)
Logical Drive
Exchange
Tape Drive Select 1,0
04h
MSR
RQM
Data I/O
Direction
Non-DMA
Execution
Command
in
Progress
Reserved
Drive 1
Busy
Drive 0
Busy
DSR
Software
Reset
Low Power
Reserved
Precompensation Delay Select
Data Transfer Rate
Select
05h
FIFO
Data Bits
07h
DIR3
3. Applicable only in PC-AT Compatible Mode.
DSKCHG
Reserved
DIR1
DSKCHG
Reserved
DRATE 1,0 Status
High
Density
07h
CCR
Reserved
DRATE1,0
Table 41. FDC Register Map
Offset1
Mnemonic
Register Name
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com