Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 110Page - National Semiconductor (TI) PC87372 Datasheet HTML 111Page - National Semiconductor (TI) PC87372 Datasheet HTML 112Page - National Semiconductor (TI) PC87372 Datasheet HTML 113Page - National Semiconductor (TI) PC87372 Datasheet HTML 114Page - National Semiconductor (TI) PC87372 Datasheet HTML 115Page - National Semiconductor (TI) PC87372 Datasheet HTML 116Page - National Semiconductor (TI) PC87372 Datasheet HTML 117Page - National Semiconductor (TI) PC87372 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 144 page
background image
9.0 Legacy Functional Blocks (Continued)
114
www.national.com
Revision 1.2
Table 46. Parallel Port Bitmap Summary for Second Level Offset
Register
Bits
Second
Level
Offset
Mnemonic
7654321
0
00h
Control0
Reserved
DCR
Register
Live
Freeze Bit
Reserved
EPP
Time-Out
Interrupt
Mask
02h
Control2
SPP Com-
patibility
Channel
Address
Enable
Reserved
Revision
1.7 or 1.9
Select
Reserved
04h
Control4
Reserved
PP DMA Request Inactive Time
Reserved
PP DMA Request Active Time
05h
PP Confg0
Bit 3 of
CNFGA
Demand
DMA
Enable
ECP IRQ Channel Number
PE
Internal
Pull-Up or
Pull-Down
ECP DMA Channel
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com