Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 112Page - National Semiconductor (TI) PC87372 Datasheet HTML 113Page - National Semiconductor (TI) PC87372 Datasheet HTML 114Page - National Semiconductor (TI) PC87372 Datasheet HTML 115Page - National Semiconductor (TI) PC87372 Datasheet HTML 116Page - National Semiconductor (TI) PC87372 Datasheet HTML 117Page - National Semiconductor (TI) PC87372 Datasheet HTML 118Page - National Semiconductor (TI) PC87372 Datasheet HTML 119Page - National Semiconductor (TI) PC87372 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
9.0 Legacy Functional Blocks (Continued)
116
www.national.com
Revision 1.2
Table 48. Bank Selection Encoding
BSR Bits
Bank
Selected
Functionality
76543210
0
xxxxxxx
0
UART
(Serial Port)
1
0
xxxxxx
1
1
1
xxxx
1
x
1
1
1
xxxxx
1
1
11100000
2
11100100
3
Table 49. Bank 1 Register Map
Offset
Mnemonic
Register Name
Type
00h
LBGD(L)
Legacy Baud Generator Divisor Port (Low Byte)
R/W
01h
LBGD(H)
Legacy Baud Generator Divisor Port (High Byte)
R/W
02h
Reserved
03h
LCR/BSR
Line Control/Bank Select
R/W
04h-07h
Reserved
Table 50. Bank 2 Register Map
Offset
Mnemonic
Register Name
Type
00h
BGD(L)
Baud Generator Divisor Port (Low Byte)
R/W
01h
BGD(H)
Baud Generator Divisor Port (High Byte)
R/W
02h
EXCR1
Extended Control1
R/W
03h
LCR/BSR
Line Control/Bank Select
R/W
04h
EXCR2
Extended Control2
R/W
05h
Reserved
06h
TXFLV
TX_FIFO Level
R/W
07h
RXFLV
RX_FIFO Level
R/W
Table 51. Bank 3 Register Map
Offset
Mnemonic
Register Name
Type
00h
MRID
Module Revision ID
RO
01h
SH_LCR
Shadow of LCR (Read Only)
RO
02h
SH_FCR
Shadow of FIFO Control (Read Only)
RO
03h
LCR/BSR
Line Control/Bank Select
R/W
04h-07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com