Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 121Page - National Semiconductor (TI) PC87372 Datasheet HTML 122Page - National Semiconductor (TI) PC87372 Datasheet HTML 123Page - National Semiconductor (TI) PC87372 Datasheet HTML 124Page - National Semiconductor (TI) PC87372 Datasheet HTML 125Page - National Semiconductor (TI) PC87372 Datasheet HTML 126Page - National Semiconductor (TI) PC87372 Datasheet HTML 127Page - National Semiconductor (TI) PC87372 Datasheet HTML 128Page - National Semiconductor (TI) PC87372 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 144 page
background image
10.0 Device Characteristics (Continued)
125
www.national.com
Revision 1.2
10.2.8 Output, PCI 3.3V Compatible
Symbol: OPCI
10.2.9 Analog Output
Symbol: AO
10.2.10
Input/Output Switch, SMBus Compatible
Symbol: SWSM
10.2.11
Exceptions
1. All pins are 5V tolerant except for the pins with PCI (INPCI, OPCI) buffer types.
2. All pins are back-drive protected except for the output pins with PCI (OPCI) buffer types.
3. The following pins are excluded from the requirement of total pins leakage maximum 10
µA: V
SB5, REF5V,
REF5V_STBY, 3V_DDCSCL, 5V_DDCSCL, 3V_DDCSDA, 5V_DDCSDA, SMB1_SCL, SMB1_SDA, SMB2_SCL,
SMB2_SDA.
4. The following pins have an internal static pull-up resistor (when enabled) and therefore may have leakage current from
VSUP (when VIN = 0): LPCPD, ACK, AFD_DSTRB, ERR, INIT, PE, SLIN_ASTRB, STB_WRITE, KBRST, GA20, SIOPME,
GPIOE00-07, GPIOE10-13, PWRGD_PS, CPU_PRESENT, FPRST, PRIMARY_HD, SECONDARY_HD, SCSI.
5. The following pins have an internal static pull-down resistor (when enabled) and therefore may have leakage current to
VSS (when VIN = VSUP): BUSY_WAIT, PE and SLCT.
6. The following strap pins have an internal static pull-up resistor enabled during Power-Up reset and therefore may have
leakage current to VSUP (when VIN = 0): BADDR, TRIS, TEST.
7. When VDD3 = 0V, the following pins present a DC load to VSS of 30 KΩ minimum (not tested, guaranteed by design) for
a pin voltage of 0V to 3.6V: CTS, DCD, DSR, DTR_BOUT, RI, RTS, SIN, SOUT.
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = −500 µA
0.9 VDD3
V
VOL
Output Low Voltage
lout = 1500 µA
0.1 VDD3
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOR
Output Voltage Range
0
5.51
1. Not tested. Guaranteed by characterization.
V
VOD
Output Drive Voltage
lout = −3.6 mA
VSUP
2
− 150 mV
2. VSUP is VDD3 or VSB3 according to the pin power well.
lOL
Output Leakage Current
VOUT =VOR,VSUP <VOUT
203
3. This buffer type is excluded from the pins for which the total pins leakage of the device is maximum 10
µA.
Not tested. Guaranteed by characterization.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VDRP
Pin-to-Pin Voltage Drop
ISW = ±3 mA, Switch Closed
1501
1. Not tested. Guaranteed by characterization.
mV
VISC
Input Voltage for Switch Closed
ISW = ±3mA
1.51
V
VISO
Input Voltage for Switch Open
ISW = ±20 µA
VSUP
2,3
2. VSUP is VDD3 or VSB3 according to the pin power well.
3. Not tested. Guaranteed by design.
V
IIL
Input Leakage Current
VISO <VIN < 5.5V
±201
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com