Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 123Page - National Semiconductor (TI) PC87372 Datasheet HTML 124Page - National Semiconductor (TI) PC87372 Datasheet HTML 125Page - National Semiconductor (TI) PC87372 Datasheet HTML 126Page - National Semiconductor (TI) PC87372 Datasheet HTML 127Page - National Semiconductor (TI) PC87372 Datasheet HTML 128Page - National Semiconductor (TI) PC87372 Datasheet HTML 129Page - National Semiconductor (TI) PC87372 Datasheet HTML 130Page - National Semiconductor (TI) PC87372 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
10.0 Device Characteristics (Continued)
127
www.national.com
Revision 1.2
10.3 INTERNAL RESISTORS
DC Test Conditions
Figure 34. Internal Resistor Test Conditions, TA =0°Cto70°C, VSUP = 3.3V
Figure 35. Internal Pull-Down Resistor for Straps, TA =0°Cto70°C, VSUP = 3.3V
Notes for Figures 34 and 35:
1. VSUP is VDD3 or VSB3 according to the pin power well.
1. The equivalent resistance of the pull-up resistor is calculated by RPU = (VSUP − VPIN) / IPU.
2. The equivalent resistance of the pull-down resistor is calculated by RPD = VPIN / IPD.
10.3.1 Pull-Up Resistor
Symbol: PUnn
10.3.2 Pull-Down Resistor
Symbol: PDnn
Symbol
Parameter
Conditions1
1. TA = 0
°C to 70°C, V
SUP = 3.3V.
Min2
2. Not tested. Guaranteed by characterization.
Typical
Max2
Unit
RPU
Pull-up equivalent resistance
VPIN =0V
nn
− 30%
nn
nn + 30%
K
Ω
VPIN = 0.8 VSUP
3
nn
− 38%
K
Ω
VPIN = 0.17 VSUP
3
3. For strap pins only.
nn
− 35%
K
Ω
Symbol
Parameter
Conditions1
1. TA = 0
°C to 70°C, V
SUP = 3.3V.
Min2
2. Not tested. Guaranteed by characterization.
Typical
Max2
Unit
RPD
Pull-down equivalent resistance
VPIN =VSUP
nn
− 30%
nn
nn + 30%
K
Ω
Device
Under
Test
RPU
Pull-Up Resistor Test Circuit
Pull-Down Resistor Test Circuit
VSUP
Pin
A
IPU
V
VPIN
Device
Under
Test
RPD
VSUP
Pin
A
IPD
V
VPIN
VSUP
Device
Under
Test
RPU
VSUP
Pin
A
IPU
V
VPIN
VSUP
Device
Under
Test
RPU
VSUP
Pin
A
IPU
V
VPIN
10
µA
VPIN < VIL
VPIN > VIH
10
µA
10 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com