Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 127Page - National Semiconductor (TI) PC87372 Datasheet HTML 128Page - National Semiconductor (TI) PC87372 Datasheet HTML 129Page - National Semiconductor (TI) PC87372 Datasheet HTML 130Page - National Semiconductor (TI) PC87372 Datasheet HTML 131Page - National Semiconductor (TI) PC87372 Datasheet HTML 132Page - National Semiconductor (TI) PC87372 Datasheet HTML 133Page - National Semiconductor (TI) PC87372 Datasheet HTML 134Page - National Semiconductor (TI) PC87372 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 144 page
background image
10.0 Device Characteristics (Continued)
131
www.national.com
Revision 1.2
10.4.3 Clock Timing
High-Frequency Clock Timing
Figure 41. High-Frequency Clock Waveform Timing
Figure 42. CLOCKI14 and Internal 48 MHz Domain Timing
Symbol Figure
Clock Input Parameters
Reference
Conditions
CLOCKI14
Units
Min
Typ
Max
tCH
41
Clock High Pulse Width1
1. Not tested. Guaranteed by design.
29.5
ns
tCL
41
Clock Low Pulse Width1
29.5
ns
tCP
41
Clock Period1 (50%-50%)
69.14
69.84
70.54
ns
FCK
−
Clock Frequency
FCKTYP − 1%
14.31818
FCKTYP +1%
MHz
tCR
41
Clock Rise Time1 (20%-80%)
52
2. Recommended value
ns
tCF
41
Clock Fall Time1 (80%-20%)
52
ns
t14MW
42
Clock Wake-Up Time
VDD3 stable to clock
start toggling
System dependent
t14MVAL
42
Clock Valid Time1
Clock start toggling
to clock valid
System dependent
Sym. Fig.
Internal Clock Parameter
Reference
Conditions
INT48M
Units
Min
Typ
Max
tCP
41 Clock Period1 (50%-50%)
1. Not tested. Guaranteed by characterization.
20.83
ns
FCK
− Clock Frequency
48
MHz
t48MD 42 Clock Wake-Up Time1
After Clock
Generator enabled
500
µs
tCL
tCP
tCH
VIH
VIH
VIL
VIL
VIL
VIH
tCF
tCR
CLOCKI14
(14.31818 MHz)
t14MW
48 MHz Domain
VDD3 (Power)
VDD3ONmin
tCP (CLOCKI14)
t14MVAL
CKVALID bit
(Internal)
Enable Clock Generator
(Internal)
t48MD
tCP (48 MHz)
(Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com