Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 130Page - National Semiconductor (TI) PC87372 Datasheet HTML 131Page - National Semiconductor (TI) PC87372 Datasheet HTML 132Page - National Semiconductor (TI) PC87372 Datasheet HTML 133Page - National Semiconductor (TI) PC87372 Datasheet HTML 134Page - National Semiconductor (TI) PC87372 Datasheet HTML 135Page - National Semiconductor (TI) PC87372 Datasheet HTML 136Page - National Semiconductor (TI) PC87372 Datasheet HTML 137Page - National Semiconductor (TI) PC87372 Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 144 page
background image
10.0 Device Characteristics (Continued)
134
www.national.com
Revision 1.2
LPC Signals
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Outputs
Output Valid Delay
After RE of CLK
11
ns
tON
Outputs
Float to Active Delay
After RE of CLK
2
ns
tOFF
Outputs
Active to Float Delay
After RE of CLK
28
ns
tSU
Inputs
Input Setup Time
Before RE of CLK
7
ns
tHL
Inputs
Input Hold Time
After RE of CLK
0
ns
tPDR
Reset Outputs
Rise Propagation Delay
From RE of PCI_RESET to RE of
PCIRST_OUT, PCIRST_OUT2
30
ns
tR
Reset Outputs
Rise Time
PCIRST_OUT, PCIRST_OUT2
50
ns
tPDF
Reset Outputs
Fall Propagation Delay
From FE of PCI_RESET to FE of
IDE_RSTDRV
20
ns
tF
Reset Outputs
Fall Time
IDE_RSTDRV15
ns
Leakage Only
Leakage Only
0.285 VDD
0.615 VDD
0.4 VDD
0.4 VDD
PCI_CLK
LAD3
−LAD0,
LDRQ, SERIRQ
Outputs
tVAL
tON
tOFF
VDD3 = 3.3V ±10%
tVAL
LAD3
−LAD0,
SERIRQ
Output Enabled
0.4 VDD
0.4 VDD
PCI_CLK
LAD3
−LAD0, LFRAME
PCI_RESET, SERIRQ
Inputs
VDD3 = 3.3V ±10%
tHL
tSU
LPCPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com