Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 133Page - National Semiconductor (TI) PC87372 Datasheet HTML 134Page - National Semiconductor (TI) PC87372 Datasheet HTML 135Page - National Semiconductor (TI) PC87372 Datasheet HTML 136Page - National Semiconductor (TI) PC87372 Datasheet HTML 137Page - National Semiconductor (TI) PC87372 Datasheet HTML 138Page - National Semiconductor (TI) PC87372 Datasheet HTML 139Page - National Semiconductor (TI) PC87372 Datasheet HTML 140Page - National Semiconductor (TI) PC87372 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
10.0 Device Characteristics (Continued)
137
www.national.com
Revision 1.2
10.4.6 Parallel Port Timing
Standard Parallel Port Timing
Enhanced Parallel Port Timing
Symbol
Parameter
Conditions
Min
Max
Unit
tPDH
Port Data Hold
SPP Mode 0 and Mode 1, ECP Mode 0 and Mode1:
system dependent; ECP Mode 2: device dependent.
750
ns
tPDS
Port Data Setup
SPP Mode 0 and Mode 1, ECP Mode 0 and Mode1:
system dependent; ECP Mode 2: device dependent.
750
ns
tSW
Strobe Width
SPP Mode 0 and Mode 1, ECP Mode 0 and Mode1:
system dependent; ECP Mode 2: device dependent.
750
ns
Symbol
Parameter
Min
Max
EPP 1.71
1. Also in ECP Mode 4
EPP 1.91
Unit
tWW19a
WRITE Active from WAIT Low
45
✔
ns
tWW19ia
WRITE Inactive from WAIT Low
45
✔
ns
tWST19a
DSTRB or ASTRB Active from WAIT Low
65
✔
ns
tWEST
DSTRB or ASTRB Active after WRITE Active
10
✔✔
ns
tWPDH
PD7
−0 Hold after WRITE Inactive
0
✔✔
ns
tWPDS
PD7
−0 Valid after WRITE Active
15
✔✔
ns
tEPDW
PD7
−0 Valid Width
80
✔✔
ns
tEPDH
PD7
−0 Hold after DSTRB or ASTRB Inactive
0
✔✔
ns
tPDS
tPDH
tSW
BUSY
ACK
PD7
−0
STB
WRITE
DSTRB
ASTRB
PD7
−0
WAIT
Valid
tWW19ia
tWPDH
tEPDH
tEPDW
or
tWW19a
tWST19a
tWPDS
tWEST
tWST19a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com