Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 131Page - National Semiconductor (TI) PC87372 Datasheet HTML 132Page - National Semiconductor (TI) PC87372 Datasheet HTML 133Page - National Semiconductor (TI) PC87372 Datasheet HTML 134Page - National Semiconductor (TI) PC87372 Datasheet HTML 135Page - National Semiconductor (TI) PC87372 Datasheet HTML 136Page - National Semiconductor (TI) PC87372 Datasheet HTML 137Page - National Semiconductor (TI) PC87372 Datasheet HTML 138Page - National Semiconductor (TI) PC87372 Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 144 page
background image
10.0 Device Characteristics (Continued)
135
www.national.com
Revision 1.2
10.4.5 FDC Timing
FDC Write Data Timing
tDRP tICP tWDW Values
Symbol
Parameter
Min
Max
Unit
tHDH
HDSEL Hold from WGATE Inactive1
1. Not tested. Guaranteed by design.
100
µs
tHDS
HDSEL Setup to WGATE Active1
100
µs
tWDW
Write Data Pulse Width1
See tDRP,tICP and tWDW values in table below
Data Rate
tDRP
tICP
tICP Nominal
tWDW
tWDW Minimum
Unit
1 Mbps
1000
6xtCP
1
1. tCP is the clock period defined for CLOCKI in Clock Timing on page 131.
125
2 x tICP
250
ns
500 Kbps
2000
6xtCP
1
125
2 x tICP
250
ns
300 Kbps
3333
10 x tCP
1
208
2 x tICP
375
ns
250 Kbps
4000
12 x tCP
1
250
2 x tICP
500
ns
2.0V
1.4V
tF
0.8V
2.0V
Reset Outputs
VDD3 = 3.3V ±10%
tPDF
PCI_RESET
PCIRST_OUT2
IDE_RSTDRV
PCIRST_OUT,
tPDR
1.4V
tR
0.8V
tHDS
tHDH
tWDW
HDSEL
WGATE
WDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com