Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Altera Corporation
21
ACEX 1K Programmable Logic Device Family Data Sheet
13
Figure 11. ACEX 1K LE Operating Modes
ENA
PRN
CLRN
DQ
4-Input
LUT
Carry-In
Cascade-Out
Cascade-In
LE-Out to FastTrack
Interconnect
LE-Out to Local
Interconnect
ENA
Normal Mode
PRN
CLRN
DQ
Cascade-Out
LE-Out
Cascade-In
3-Input
LUT
Carry-In
3-Input
LUT
Carry-Out
Arithmetic Mode
Up/Down Counter Mode
PRN
CLRN
D
Q
3-Input
LUT
Carry-In
Cascade-In
LE-Out
3-Input
LUT
Carry-Out
1
0
Cascade-Out
Clearable Counter Mode
PRN
CLRN
DQ
3-Input
LUT
Carry-In
LE-Out
3-Input
LUT
Carry-Out
1
0
Cascade-Out
ENA
ENA
data1
data4
data3
data2
data1
data2
data1 (ena)
data2 (u/d)
data4 (nload)
data3 (data)
data1 (ena)
data2 (nclr)
data4 (nload)
data3 (data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com