Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 66Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 67Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 68Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 69Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 70Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 71Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 72Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 73Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
70
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 22 through 29 in this data sheet.
(2)
These parameters are specified by characterization.
(3)
This parameter is measured without the use of the ClockLock or ClockBoost circuits.
(4)
This parameter is measured with the use of the ClockLock or ClockBoost circuits.
Tables 44 through 50 show EP1K50 device external timing parameters.
Table 43. EP1K30 External Bidirectional Timing Parameters
Notes (1), (2)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tINSUBIDIR (3)
2.8
3.9
5.2
ns
tINHBIDIR (3)
0.0
0.0
0.0
ns
tINSUBIDIR (4)
3.8
4.9
–
ns
tINHBIDIR (4)
0.0
0.0
–
ns
tOUTCOBIDIR (3)
2.0
4.9
2.0
5.9
2.0
7.6
ns
tXZBIDIR (3)
6.1
7.5
9.7
ns
tZXBIDIR (3)
6.1
7.5
9.7
ns
tOUTCOBIDIR (4)
0.5
3.9
0.5
4.9
––
ns
tXZBIDIR (4)
5.1
6.5
–
ns
tZXBIDIR (4)
5.1
6.5
–
ns
Table 44. EP1K50 Device LE Timing Microparameters (Part 1 of 2)
Note (1)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tLUT
0.6
0.8
1.1
ns
tCLUT
0.5
0.6
0.8
ns
tRLUT
0.6
0.7
0.9
ns
tPACKED
0.2
0.3
0.4
ns
tEN
0.6
0.7
0.9
ns
tCICO
0.1
0.1
0.1
ns
tCGEN
0.4
0.5
0.6
ns
tCGENR
0.1
0.1
0.1
ns
tCASC
0.5
0.8
1.0
ns
tC
0.5
0.6
0.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com