Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
22
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Normal Mode
The normal mode is suitable for general logic applications and wide
decoding functions that can take advantage of a cascade chain. In normal
mode, four data inputs from the LAB local interconnect and the carry-in
are inputs to a 4-input LUT. The compiler automatically selects the carry-
in or the DATA3 signal as one of the inputs to the LUT. The LUT output can
be combined with the cascade-in signal to form a cascade chain through
the cascade-out signal. Either the register or the LUT can be used to drive
both the local interconnect and the FastTrack Interconnect routing
structure at the same time.
The LUT and the register in the LE can be used independently (register
packing). To support register packing, the LE has two outputs; one drives
the local interconnect, and the other drives the FastTrack Interconnect
routing structure. The DATA4 signal can drive the register directly,
allowing the LUT to compute a function that is independent of the
registered signal; a 3-input function can be computed in the LUT, and a
fourth independent signal can be registered. Alternatively, a 4-input
function can be generated, and one of the inputs to this function can be
used to drive the register. The register in a packed LE can still use the clock
enable, clear, and preset signals in the LE. In a packed LE, the register can
drive the FastTrack Interconnect routing structure while the LUT drives
the local interconnect, or vice versa.
Arithmetic Mode
The arithmetic mode offers two 3-input LUTs that are ideal for
implementing adders, accumulators, and comparators. One LUT
computes a 3-input function; the other generates a carry output. As shown
in Figure 11, the first LUT uses the carry-in signal and two data inputs
from the LAB local interconnect to generate a combinatorial or registered
output. For example, in an adder, this output is the sum of three signals:
a
, b, and carry-in. The second LUT uses the same three signals to generate
a carry-out signal, thereby creating a carry chain. The arithmetic mode
also supports simultaneous use of the cascade chain.
Up/Down Counter Mode
The up/down counter mode offers counter enable, clock enable,
synchronous up/down control, and data loading options. These control
signals are generated by the data inputs from the LAB local interconnect,
the carry-in signal, and output feedback from the programmable register.
Two 3-input LUTs are used; one generates the counter data, and the other
generates the fast carry bit. A 2-to-1 multiplexer provides synchronous
loading. Data can also be loaded asynchronously with the clear and preset
register control signals without using the LUT resources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com