Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 39Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 40Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 41Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 42Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 43Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 44Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 45Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 46Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Altera Corporation
43
ACEX 1K Programmable Logic Device Family Data Sheet
13
Notes to tables:
(1)
The most significant bit (MSB) is on the left.
(2)
The least significant bit (LSB) for all JTAG IDCODEs is 1.
ACEX 1K devices include weak pull-up resistors on the JTAG pins.
f For more information, see the following documents:
s
Application Note 39 (IEEE Std. 1149.1 (JTAG) Boundary-Scan Testing in
Altera Devices)
s
ByteBlasterMV Parallel Port Download Cable Data Sheet
s
BitBlaster Serial Download Cable Data Sheet
s
Jam Programming & Test Language Specification
Figure 20 shows the timing requirements for the JTAG signals.
Table 16. 32-Bit IDCODE for ACEX 1K Devices
Note (1)
Device
IDCODE (32 Bits)
Version
(4 Bits)
Part Number (16 Bits)
Manufacturer’s
Identity (11 Bits)
1 (1 Bit) (2)
EP1K10
0001
0001 0000 0001 0000
00001101110
1
EP1K30
0001
0001 0000 0011 0000
00001101110
1
EP1K50
0001
0001 0000 0101 0000
00001101110
1
EP1K100
0010
0000 0001 0000 0000
00001101110
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com