Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 52Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 53Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 54Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 55Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 56Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 57Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 58Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 59Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
56
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Table 24. EAB Timing Microparameters
Note (1)
Symbol
Parameter
Conditions
tEABDATA1
Data or address delay to EAB for combinatorial input
tEABDATA2
Data or address delay to EAB for registered input
tEABWE1
Write enable delay to EAB for combinatorial input
tEABWE2
Write enable delay to EAB for registered input
tEABRE1
Read enable delay to EAB for combinatorial input
tEABRE2
Read enable delay to EAB for registered input
tEABCLK
EAB register clock delay
tEABCO
EAB register clock-to-output delay
tEABBYPASS
Bypass register delay
tEABSU
EAB register setup time before clock
tEABH
EAB register hold time after clock
tEABCLR
EAB register asynchronous clear time to output delay
tAA
Address access delay (including the read enable to output delay)
tWP
Write pulse width
tRP
Read pulse width
tWDSU
Data setup time before falling edge of write pulse
(5)
tWDH
Data hold time after falling edge of write pulse
(5)
tWASU
Address setup time before rising edge of write pulse
(5)
tWAH
Address hold time after falling edge of write pulse
(5)
tRASU
Address setup time before rising edge of read pulse
tRAH
Address hold time after falling edge of read pulse
tWO
Write enable to data output valid delay
tDD
Data-in to data-out valid delay
tEABOUT
Data-out delay
tEABCH
Clock high time
tEABCL
Clock low time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com