Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 51Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 52Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 53Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 54Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 55Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 56Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 57Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 58Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
Altera Corporation
55
ACEX 1K Programmable Logic Device Family Data Sheet
13
tCASC
Cascade-in to cascade-out delay
tC
LE register control signal delay
tCO
LE register clock-to-output delay
tCOMB
Combinatorial delay
tSU
LE register setup time for data and enable signals before clock; LE register
recovery time after asynchronous clear, preset, or load
tH
LE register hold time for data and enable signals after clock
tPRE
LE register preset delay
tCLR
LE register clear delay
tCH
Minimum clock high time from clock pin
tCL
Minimum clock low time from clock pin
Table 23. IOE Timing Microparameters
Note (1)
Symbol
Parameter
Conditions
tIOD
IOE data delay
tIOC
IOE register control signal delay
tIOCO
IOE register clock-to-output delay
tIOCOMB
IOE combinatorial delay
tIOSU
IOE register setup time for data and enable signals before clock; IOE register
recovery time after asynchronous clear
tIOH
IOE register hold time for data and enable signals after clock
tIOCLR
IOE register clear time
tOD1
Output buffer and pad delay, slow slew rate = off, VCCIO = 3.3 V
C1 = 35 pF (2)
tOD2
Output buffer and pad delay, slow slew rate = off, VCCIO = 2.5 V
C1 = 35 pF (3)
tOD3
Output buffer and pad delay, slow slew rate = on
C1 = 35 pF (4)
tXZ
IOE output buffer disable delay
tZX1
IOE output buffer enable delay, slow slew rate = off, VCCIO = 3.3 V
C1 = 35 pF (2)
tZX2
IOE output buffer enable delay, slow slew rate = off, VCCIO = 2.5 V
C1 = 35 pF (3)
tZX3
IOE output buffer enable delay, slow slew rate = on
C1 = 35 pF (4)
tINREG
IOE input pad and buffer to IOE register delay
tIOFD
IOE register feedback delay
tINCOMB
IOE input pad and buffer to FastTrack Interconnect delay
Table 22. LE Timing Microparameters (Part 2 of 2)
Note (1)
Symbol
Parameter
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com