Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Altera Corporation
19
ACEX 1K Programmable Logic Device Family Data Sheet
13
Cascade Chain
With the cascade chain, the ACEX 1K architecture can implement
functions that have a very wide fan-in. Adjacent LUTs can be used to
compute portions of the function in parallel; the cascade chain serially
connects the intermediate values. The cascade chain can use a logical AND
or logical OR (via De Morgan’s inversion) to connect the outputs of
adjacent LEs. With a delay as low as 0.6 ns per LE, each additional LE
provides four more inputs to the effective width of a function. Cascade
chain logic can be created automatically by the compiler during design
processing, or manually by the designer during design entry.
Cascade chains longer than eight bits are implemented automatically by
linking several LABs together. For easier routing, a long cascade chain
skips every other LAB in a row. A cascade chain longer than one LAB
skips either from even-numbered LAB to even-numbered LAB, or from
odd-numbered LAB to odd-numbered LAB (e.g., the last LE of the first
LAB in a row cascades to the first LE of the third LAB). The cascade chain
does not cross the center of the row (e.g., in the EP1K50 device, the cascade
chain stops at the eighteenth LAB, and a new one begins at the nineteenth
LAB). This break is due to the EAB’s placement in the middle of the row.
Figure 10 shows how the cascade function can connect adjacent LEs to
form functions with a wide fan-in. These examples show functions of 4n
variables implemented with n LEs. The LE delay is 1.3 ns; the cascade
chain delay is 0.6 ns. With the cascade chain, decoding a 16-bit address
requires 3.1 ns.
Figure 10. ACEX 1K Cascade Chain Operation
LE1
LUT
LE2
LUT
d[3..0]
d[7..4]
d[(4
n – 1)..(4n – 4)]
d[3..0]
d[7..4]
LE
n
LE1
LE2
LE
n
LUT
LUT
LUT
LUT
AND Cascade Chain
OR Cascade Chain
d[(4
n – 1)..(4n – 4)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com