Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 28Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 29Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 30Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 35Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
32
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
When dedicated inputs drive non-inverted and inverted peripheral clears,
clock enables, and output enables, two signals on the peripheral control
bus will be used.
Table 7 lists the sources for each peripheral control signal and shows how
the output enable, clock enable, clock, and clear signals share
12 peripheral control signals. Table 7 also shows the rows that can drive
global signals.
Signals on the peripheral control bus can also drive the four global signals,
referred to as GLOBAL0 through GLOBAL3. An internally generated signal
can drive a global signal, providing the same low-skew, low-delay
characteristics as a signal driven by an input pin. An LE drives the global
signal by driving a row line that drives the peripheral bus which then
drives the global signal. This feature is ideal for internally generated clear
or clock signals with high fan-out. However, internally driven global
signals offer no advantage over the general-purpose interconnect for
routing data signals.
The chip-wide output enable pin is an active-high pin that can be used to
tri-state all pins on the device. This option can be set in the Altera
software. The built-in I/O pin pull-up resistors (which are active during
configuration) are active when the chip-wide output enable pin is
asserted. The registers in the IOE can also be reset by the chip-wide reset
pin.
Table 7. Peripheral Bus Sources for ACEX Devices
Peripheral Control Signal
EP1K10
EP1K30
EP1K50
EP1K100
OE0
Row A
Row A
Row A
Row A
OE1
Row A
Row B
Row B
Row C
OE2
Row B
Row C
Row D
Row E
OE3
Row B
Row D
Row F
Row L
OE4
Row C
Row E
Row H
Row I
OE5
Row C
Row F
Row J
Row K
CLKENA0
/CLK0/GLOBAL0
Row A
Row A
Row A
Row F
CLKENA1
/OE6/GLOBAL1
Row A
Row B
Row C
Row D
CLKENA2
/CLR0
Row B
Row C
Row E
Row B
CLKENA3
/OE7/GLOBAL2
Row B
Row D
Row G
Row H
CLKENA4
/CLR1
Row C
Row E
Row I
Row J
CLKENA5
/CLK1/GLOBAL3
Row C
Row F
Row J
Row G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com