Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 29Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 30Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 35Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 36Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Altera Corporation
33
ACEX 1K Programmable Logic Device Family Data Sheet
13
Row-to-IOE Connections
When an IOE is used as an input signal, it can drive two separate row
channels. The signal is accessible by all LEs within that row. When an IOE
is used as an output, the signal is driven by a multiplexer that selects a
signal from the row channels. Up to eight IOEs connect to each side of
each row channel (see Figure 16).
Figure 16. ACEX 1K Row-to-IOE Connections
Note (1)
Note:
(1)
The values for m and n are shown in Table 8.
Table 8 lists the ACEX 1K row-to-IOE interconnect resources.
n
n
Each IOE is driven by an
m-to-1 multiplexer.
Each IOE can drive two
row channels.
IOE8
IOE1
m
m
Row FastTrack
Interconnect
n
Table 8. ACEX 1K Row-to-IOE Interconnect Resources
Device
Channels per Row (n)
Row Channels per Pin (m)
EP1K10
144
18
EP1K30
216
27
EP1K50
216
27
EP1K100
312
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com