Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 27Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
24
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
In addition to the six clear and preset modes, ACEX 1K devices provide a
chip-wide reset pin that can reset all registers in the device. Use of this
feature is set during design entry. In any of the clear and preset modes, the
chip-wide reset overrides all other signals. Registers with asynchronous
presets may be preset when the chip-wide reset is asserted. Inversion can
be used to implement the asynchronous preset. Figure 12 shows examples
of how to setup the preset and clear inputs for the desired functionality.
Figure 12. ACEX 1K LE Clear & Preset Modes
Asynchronous Clear
Asynchronous Preset
Asynchronous Preset & Clear
Asynchronous Load without Clear or Preset
labctrl1
(Asynchronous
Load)
PRN
CLRN
DQ
NOT
NOT
labctrl1
(Asynchronous
Load)
Asynchronous Load with Clear
labctrl2
(Clear)
PRN
CLRN
DQ
NOT
NOT
(Asynchronous
Load)
Asynchronous Load with Preset
NOT
NOT
PRN
CLRN
DQ
labctrl1 or
labctrl2
PRN
CLRN
DQ
VCC
Chip-Wide Reset
Chip-Wide Reset
Chip-Wide Reset
Chip-Wide Reset
PRN
CLRN
DQ
PRN
CLRN
DQ
VCC
Chip-WideReset
Chip-Wide Reset
data3
(Data)
labctrl1
labctrl2
(Preset)
data3
(Data)
data3
(Data)
labctrl1 or
labctrl2
labctrl1
labctrl2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com