Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 10Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 11Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 12Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
12
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
EABs can be used to implement synchronous RAM, which is easier to use
than asynchronous RAM. A circuit using asynchronous RAM must
generate the RAM write enable signal, while ensuring that its data and
address signals meet setup and hold time specifications relative to the
write enable signal. In contrast, the EAB’s synchronous RAM generates its
own write enable signal and is self-timed with respect to the input or write
clock. A circuit using the EAB’s self-timed RAM must only meet the setup
and hold time specifications of the global clock.
When used as RAM, each EAB can be configured in any of the following
sizes: 256
× 16; 512 × 8; 1,024 × 4; or 2,048 × 2. Figure 5 shows the ACEX 1K
EAB memory configurations.
Figure 5. ACEX 1K EAB Memory Configurations
Larger blocks of RAM are created by combining multiple EABs. For
example, two 256
× 16 RAM blocks can be combined to form a 256 × 32
block, and two 512
× 8 RAM blocks can be combined to form a
512
× 16 block. Figure 6 shows examples of multiple EAB combination.
Figure 6. Examples of Combining ACEX 1K EABs
256
× 16
512
× 8
1,024
× 4
2,048
× 2
512
× 8
512
× 8
256
× 16
256
× 16
256
× 32
512
× 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com