Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 12Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
16
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Figure 8. ACEX 1K Logic Element
The programmable flipflop in the LE can be configured for D, T, JK, or SR
operation. The clock, clear, and preset control signals on the flipflop can
be driven by global signals, general-purpose I/O pins, or any internal
logic. For combinatorial functions, the flipflop is bypassed and the LUT’s
output drives the LE’s output.
The LE has two outputs that drive the interconnect: one drives the local
interconnect, and the other drives either the row or column FastTrack
Interconnect routing structure. The two outputs can be controlled
independently. For example, the LUT can drive one output while the
register drives the other output. This feature, called register packing, can
improve LE utilization because the register and the LUT can be used for
unrelated functions.
The ACEX 1K architecture provides two types of dedicated high-speed
data paths that connect adjacent LEs without using local interconnect
paths: carry chains and cascade chains. The carry chain supports high-
speed counters and adders, and the cascade chain implements wide-input
functions with minimum delay. Carry and cascade chains connect all LEs
in a LAB and all LABs in the same row. Intensive use of carry and cascade
chains can reduce routing flexibility. Therefore, the use of these chains
should be limited to speed-critical portions of a design.
To LAB Local
Interconnect
Carry-In
Clock
Select
Carry-Out
Look-Up
Table
(LUT)
Clear/
Preset
Logic
Carry
Chain
Cascade
Chain
Cascade-In
Cascade-Out
To FastTrack
Interconnect
Programmable
Register
PRN
CLRN
DQ
ENA
Register Bypass
data1
data2
data3
data4
labctrl1
labctrl2
labctrl4
labctrl3
Chip-Wide
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com