Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 77Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 78Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 79Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 80Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 81Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 82Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 83Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 84Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 86 page
background image
Altera Corporation
81
ACEX 1K Programmable Logic Device Family Data Sheet
13
Notes to tables:
(1)
All timing parameters are described in Tables 22 through 29 in this data sheet.
(2)
These parameters are specified by characterization.
(3)
This parameter is measured without the use of the ClockLock or ClockBoost circuits.
(4)
This parameter is measured with the use of the ClockLock or ClockBoost circuits.
Power
Consumption
The supply power (P) for ACEX 1K devices can be calculated with the
following equation:
P = PINT + PIO = (ICCSTANDBY + ICCACTIVE) × VCC + PIO
The ICCACTIVE value depends on the switching frequency and the
application logic. This value is calculated based on the amount of current
that each LE typically consumes. The PIO value, which depends on the
device output load characteristics and switching frequency, can be
calculated using the guidelines given in Application Note 74 (Evaluating
Power for Altera Devices).
1
Compared to the rest of the device, the embedded array
consumes a negligible amount of power. Therefore, the
embedded array can be ignored when calculating supply
current.
Table 57. EP1K100 External Bidirectional Timing Parameters
Notes (1), (2)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tINSUBIDIR (3)
1.7
2.5
3.3
ns
tINHBIDIR (3)
0.0
0.0
0.0
ns
tINSUBIDIR (4)
2.0
2.8
–
ns
tINHBIDIR (4)
0.0
0.0
–
ns
tOUTCOBIDIR (3)
2.0
5.2
2.0
6.9
2.0
9.1
ns
tXZBIDIR (3)
5.6
7.5
10.1
ns
tZXBIDIR (3)
5.6
7.5
10.1
ns
tOUTCOBIDIR (4)
0.5
3.0
0.5
4.6
––
ns
tXZBIDIR (4)
4.6
6.5
–
ns
tZXBIDIR (4)
4.6
6.5
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com