Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 35Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 36Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 37Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 38Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Altera Corporation
35
ACEX 1K Programmable Logic Device Family Data Sheet
13
SameFrame
Pin-Outs
ACEX 1K devices support the SameFrame pin-out feature for
FineLine BGA packages. The SameFrame pin-out feature is the
arrangement of balls on FineLine BGA packages such that the lower-ball-
count packages form a subset of the higher-ball-count packages.
SameFrame pin-outs provide the flexibility to migrate not only from
device to device within the same package, but also from one package to
another. A given printed circuit board (PCB) layout can support multiple
device density/package combinations. For example, a single board layout
can support a range of devices from an EP1K10 device in a 256-pin
FineLine BGA package to an EP1K100 device in a 484-pin FineLine BGA
package.
The Altera software provides support to design PCBs with SameFrame
pin-out devices. Devices can be defined for present and future use. The
Altera software generates pin-outs describing how to lay out a board that
takes advantage of this migration. Figure 18 shows an example of
SameFrame pin-out.
Figure 18. SameFrame Pin-Out Example
Table 10 shows the ACEX 1K device/package combinations that support
SameFrame pin-outs for ACEX 1K devices. All FineLine BGA packages
support SameFrame pin-outs, providing the flexibility to migrate not only
from device to device within the same package, but also from one package
to another. The I/O count will vary from device to device.
Designed for 484-Pin FineLine BGA Package
Printed Circuit Board
256-Pin FineLine BGA Package
(Reduced I/O Count or
Logic Requirements)
484-Pin FineLine BGA Package
(Increased I/O Count or
Logic Requirements)
256-Pin
FineLine
BGA
484-Pin
FineLine
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com