Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 78Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 79Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 80Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 81Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 82Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 83Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 84Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 85Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 86Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
84
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
During initialization, which occurs immediately after configuration, the
device resets registers, enables I/O pins, and begins to operate as a logic
device. Before and during configuration, all I/O pins (except dedicated
inputs, clock, or configuration pins) are pulled high by a weak pull-up
resistor. Together, the configuration and initialization processes are called
command mode; normal device operation is called user mode.
SRAM configuration elements allow ACEX 1K devices to be reconfigured
in-circuit by loading new configuration data into the device. Real-time
reconfiguration is performed by forcing the device into command mode
with a device pin, loading different configuration data, re-initializing the
device, and resuming user-mode operation. The entire reconfiguration
process requires less than 40 ms and can be used to reconfigure an entire
system dynamically. In-field upgrades can be performed by distributing
new configuration files.
Configuration Schemes
The configuration data for an ACEX 1K device can be loaded with one of
five configuration schemes (see Table 59), chosen on the basis of the target
application. An EPC16, EPC2, EPC1, or EPC1441 configuration device,
intelligent controller, or the JTAG port can be used to control the
configuration of a ACEX 1K device, allowing automatic configuration on
system power-up.
Multiple ACEX 1K devices can be configured in any of the five
configuration schemes by connecting the configuration enable (nCE) and
configuration enable output (nCEO) pins on each device. Additional
APEX 20K, APEX 20KE, FLEX 10K, FLEX 10KA, FLEX 10KE, ACEX 1K,
and FLEX 6000 devices can be configured in the same serial chain.
Device Pin-
Outs
See the Altera web site (http://www.altera.com) or the Altera Digital
Library
for pin-out information.
Table 59. Data Sources for ACEX 1K Configuration
Configuration Scheme
Data Source
Configuration device
EPC16, EPC2, EPC1, or EPC1441 configuration device
Passive serial (PS)
BitBlaster or ByteBlasterMV download cables, or serial data
source
Passive parallel asynchronous (PPA)
Parallel data source
Passive parallel synchronous (PPS)
Parallel data source
JTAG
BitBlaster or ByteBlasterMV download cables, or
microprocessor with a Jam STAPL File or JBC File



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com