Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 47Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 48Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 49Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 50Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 51Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 52Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 53Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 54Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Altera Corporation
51
ACEX 1K Programmable Logic Device Family Data Sheet
13
Figure 24 shows the overall timing model, which maps the possible paths
to and from the various elements of the ACEX 1K device.
Figure 24. ACEX 1K Device Timing Model
Figures 25 through 28 show the delays that correspond to various paths
and functions within the LE, IOE, EAB, and bidirectional timing models.
Figure 25. ACEX 1K Device LE Timing Model
Dedicated
Clock/Input
Interconnect
I/O Element
Logic
Element
Embedded Array
Block
tCGENR
tCO
tCOMB
tSU
tH
tPRE
tCLR
Register
Delays
LUT Delay
tLUT
tRLUT
tCLUT
Carry Chain
Delay
Carry-In
Cascade-In
Data-Out
tCGEN
tCICO
Packed Register
Delay
tPACKED
Register Control
Delay
tC
tEN
Data-In
Control-In
tCASC
Cascade-Out
Carry-Out
tLABCARRY
tLABCASC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com