Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
6
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
f For more information on the configuration of ACEX 1K devices, see the
following documents:
s
Configuration Devices for ACEX, APEX, FLEX, & Mercury Devices Data
Sheet
s
MasterBlaster Serial/USB Communications Cable Data Sheet
s
ByteBlasterMV Parallel Port Download Cable Data Sheet
s
BitBlaster Serial Download Cable Data Sheet
ACEX 1K devices are supported by Altera development systems, which
are integrated packages that offer schematic, text (including AHDL), and
waveform design entry, compilation and logic synthesis, full simulation
and worst-case timing analysis, and device configuration. The software
provides EDIF 2 0 0 and 3 0 0, LPM, VHDL, Verilog HDL, and other
interfaces for additional design entry and simulation support from other
industry-standard PC- and UNIX workstation-based EDA tools.
The Altera software works easily with common gate array EDA tools for
synthesis and simulation. For example, the Altera software can generate
Verilog HDL files for simulation with tools such as Cadence Verilog-XL.
Additionally, the Altera software contains EDA libraries that use device-
specific features such as carry chains, which are used for fast counter and
arithmetic functions. For instance, the Synopsys Design Compiler library
supplied with the Altera development system includes DesignWare
functions that are optimized for the ACEX 1K device architecture.
The Altera development systems run on Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800 workstations.
f For more information, see the MAX+PLUS II Programmable Logic
Development System & Software Data Sheet and the Quartus Programmable
Logic Development System & Software Data Sheet.
Functional
Description
Each ACEX 1K device contains an enhanced embedded array that
implements memory and specialized logic functions, and a logic array
that implements general logic.
The embedded array consists of a series of EABs. When implementing
memory functions, each EAB provides 4,096 bits, which can be used to
create RAM, ROM, dual-port RAM, or first-in first-out (FIFO) functions.
When implementing logic, each EAB can contribute 100 to 600 gates
towards complex logic functions such as multipliers, microcontrollers,
state machines, and DSP functions. EABs can be used independently, or
multiple EABs can be combined to implement larger functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com