Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 46Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 47Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 48Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 49Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 50Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 51Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 52Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 53Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
50
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Figure 23. Output Drive Characteristics of ACEX 1K Devices
Timing Model
The continuous, high-performance FastTrack Interconnect routing
resources ensure accurate simulation and timing analysis as well as
predictable performance. This predictable performance contrasts with
that of FPGAs, which use a segmented connection scheme and, therefore,
have an unpredictable performance.
Device performance can be estimated by following the signal path from a
source, through the interconnect, to the destination. For example, the
registered performance between two LEs on the same row can be
calculated by adding the following parameters:
s
LE register clock-to-output delay (tCO)
s
Interconnect delay (tSAMEROW)
s
LE look-up table delay (tLUT)
s
LE register setup time (tSU)
The routing delay depends on the placement of the source and destination
LEs. A more complex registered path may involve multiple combinatorial
LEs between the source and destination LEs.
Timing simulation and delay prediction are available with the simulator
and Timing Analyzer, or with industry-standard EDA tools. The
Simulator offers both pre-synthesis functional simulation to evaluate logic
design accuracy and post-synthesis timing simulation with 0.1-ns
resolution. The Timing Analyzer provides point-to-point timing delay
information, setup and hold time analysis, and device-wide performance
analysis.
VO Output Voltage (V)
IOL
IOH
IOH
V
V
VCCINT = 2.5
VCCIO = 2.5
Room Temperature
V
V
VCCINT = 2.5
VCCIO = 3.3
Room Temperature
12
3
10
20
30
50
60
40
70
80
90
VO Output Voltage (V)
12
3
10
20
30
50
60
40
70
80
90
IOL
O
Typical I
Output
Current (mA)
O
Typical I
Output
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com