Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 41Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 42Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 43Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 44Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 45Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 46Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 47Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 48Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Altera Corporation
45
ACEX 1K Programmable Logic Device Family Data Sheet
13
Generic Testing
Each ACEX 1K device is functionally tested. Complete testing of each
configurable static random access memory (SRAM) bit and all logic
functionality ensures 100% yield. AC test measurements for ACEX 1K
devices are made under conditions equivalent to those shown in
Figure 21. Multiple test patterns can be used to configure devices during
all stages of the production flow.
Figure 21. ACEX 1K AC Test Conditions
Operating
Conditions
Tables 18 through 21 provide information on absolute maximum ratings,
recommended operating conditions, DC operating conditions, and
capacitance for 2.5-V ACEX 1K devices.
To Test
System
C1 (includes
JIG capacitance)
Device input
rise and fall
times < 3 ns
Device
Output
703
Ω
8.06 k
Ω
[481
]
Ω
[481
]
Ω
VCCIO
Power supply transients can affect AC
measurements. Simultaneous transitions of
multiple outputs should be avoided for
accurate measurement. Threshold tests
must not be performed under AC
conditions. Large-amplitude, fast-ground-
current transients normally occur as the
device outputs discharge the load
capacitances. When these transients flow
through the parasitic inductance between
the device ground pin and the test system
ground, significant reductions in
observable noise immunity can result.
Numbers in brackets are for 2.5-V devices
or outputs. Numbers without brackets are
for 3.3-V devices or outputs.
Table 18. ACEX 1K Device Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT
Supply voltage
With respect to ground (2)
–0.5
3.6
V
VCCIO
–0.5
4.6
V
VI
DC input voltage
–2.0
5.75
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
°
C
TAMB
Ambient temperature
Under bias
–65
135
°
C
TJ
Junction temperature
PQFP, TQFP, and BGA packages, under
bias
135
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com