Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ACEX1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Altera Corporation
3
ACEX 1K Programmable Logic Device Family Data Sheet
13
s
Software design support and automatic place-and-route provided by
Altera development systems for Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800 workstations
s
Flexible package options are available in 100 to 484 pins, including
the innovative FineLine BGATM packages (see Tables 2 and 3)
s
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
DesignWare components, Verilog HDL, VHDL, and other interfaces
to popular EDA tools from manufacturers such as Cadence,
Exemplar Logic, Mentor Graphics, OrCAD, Synopsys, Synplicity,
VeriBest, and Viewlogic
Notes:
(1)
ACEX 1K device package types include thin quad flat pack (TQFP), plastic quad flat pack (PQFP), and FineLine
BGA packages.
(2)
Devices in the same package are pin-compatible, although some devices have more I/O pins than others. When
planning device migration, use the I/O pins that are common to all devices.
(3)
This option is supported with a 256-pin FineLine BGA package. By using SameFrameTM pin migration, all FineLine
BGA packages are pin-compatible. For example, a board can be designed to support 256-pin and 484-pin FineLine
BGA packages.
Table 2. ACEX 1K Package Options & I/O Pin Count
Notes (1), (2)
Device
100-Pin TQFP
144-Pin TQFP
208-Pin PQFP
256-Pin
FineLine BGA
484-Pin
FineLine BGA
EP1K10
66
92
120
136
136 (3)
EP1K30
102
147
171
171 (3)
EP1K50
102
147
186
249
EP1K100
147
186
333
Table 3. ACEX 1K Package Sizes
Device
100-Pin TQFP
144-Pin TQFP
208-Pin PQFP
256-Pin
FineLine BGA
484-Pin
FineLine BGA
Pitch (mm)
0.50
0.50
0.50
1.0
1.0
Area (mm2)
256
484
936
289
529
Length
× width
(mm
× mm)
16
× 16
22
× 22
30.6
× 30.6
17
× 17
23
× 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com