Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 50Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 51Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 52Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 53Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 54Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 55Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 56Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 57Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
54
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Figure 30. EAB Synchronous Timing Waveforms
Tables 22 through 26 describe the ACEX 1K device internal timing
parameters.
WE
CLK
EAB Synchronous Read
a0
d2
tEABDATASU
tEABRCREG
tEABDATACO
a1
a2
a3
d1
tEABDATAH
a0
WE
CLK
dout0
din1
din2
din3
din2
tEABWESU
tEABWCREG
tEABWEH
tEABDATACO
a1
a2
a3
a2
din3
din2
din1
tEABDATAH
tEABDATASU
EAB Synchronous Write (EAB Output Registers Used)
dout1
Address
Data-Out
Address
Data-Out
Data-In
Table 22. LE Timing Microparameters (Part 1 of 2)
Note (1)
Symbol
Parameter
Conditions
tLUT
LUT delay for data-in
tCLUT
LUT delay for carry-in
tRLUT
LUT delay for LE register feedback
tPACKED
Data-in to packed register delay
tEN
LE register enable delay
tCICO
Carry-in to carry-out delay
tCGEN
Data-in to carry-out delay
tCGENR
LE register feedback to carry-out delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com