Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 54Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 55Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 56Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 57Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 58Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 59Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 60Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 61Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
58
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
Microparameters are timing delays contributed by individual architectural elements. These parameters cannot be
measured explicitly.
(2)
Operating conditions: VCCIO = 3.3 V ± 10% for commercial or industrial use in ACEX 1K devices
(3)
Operating conditions: VCCIO = 2.5 V ± 5% for commercial or industrial use in ACEX 1K devices.
(4)
Operating conditions: VCCIO = 2.5 V or 3.3 V.
(5)
Because the RAM in the EAB is self-timed, this parameter can be ignored when the WE signal is registered.
(6)
EAB macroparameters are internal parameters that can simplify predicting the behavior of an EAB at its boundary;
these parameters are calculated by summing selected microparameters.
(7)
These parameters are worst-case values for typical applications. Post-compilation timing simulation and timing
analysis are required to determine actual worst-case performance.
Table 26. Interconnect Timing Microparameters
Note (1)
Symbol
Parameter
Conditions
tDIN2IOE
Delay from dedicated input pin to IOE control input
(7)
tDIN2LE
Delay from dedicated input pin to LE or EAB control input
(7)
tDIN2DATA
Delay from dedicated input or clock to LE or EAB data
(7)
tDCLK2IOE
Delay from dedicated clock pin to IOE clock
(7)
tDCLK2LE
Delay from dedicated clock pin to LE or EAB clock
(7)
tSAMELAB
Routing delay for an LE driving another LE in the same LAB
(7)
tSAMEROW
Routing delay for a row IOE, LE, or EAB driving a row IOE, LE, or EAB in the
same row
(7)
tSAMECOLUMN
Routing delay for an LE driving an IOE in the same column
(7)
tDIFFROW
Routing delay for a column IOE, LE, or EAB driving an LE or EAB in a different
row
(7)
tTWOROWS
Routing delay for a row IOE or EAB driving an LE or EAB in a different row
(7)
tLEPERIPH
Routing delay for an LE driving a control signal of an IOE via the peripheral
control bus
(7)
tLABCARRY
Routing delay for the carry-out signal of an LE driving the carry-in signal of a
different LE in a different LAB
tLABCASC
Routing delay for the cascade-out signal of an LE driving the cascade-in
signal of a different LE in a different LAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com