Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 27Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 28Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
Altera Corporation
25
ACEX 1K Programmable Logic Device Family Data Sheet
13
Asynchronous Clear
The flipflop can be cleared by either LABCTRL1 or LABCTRL2. In this mode,
the preset signal is tied to VCC to deactivate it.
Asynchronous Preset
An asynchronous preset is implemented as an asynchronous load, or with
an asynchronous clear. If DATA3 is tied to VCC, asserting LABCTRL1
asynchronously loads a one into the register. Alternatively, the Altera
software can provide preset control by using the clear and inverting the
register’s input and output. Inversion control is available for the inputs to
both LEs and IOEs. Therefore, if a register is preset by only one of the two
LABCTRL
signals, the DATA3 input is not needed and can be used for one of
the LE operating modes.
Asynchronous Preset & Clear
When implementing asynchronous clear and preset, LABCTRL1 controls
the preset, and LABCTRL2 controls the clear. DATA3 is tied to VCC, so that
asserting LABCTRL1 asynchronously loads a one into the register,
effectively presetting the register. Asserting LABCTRL2 clears the register.
Asynchronous Load with Clear
When implementing an asynchronous load in conjunction with the clear,
LABCTRL1
implements the asynchronous load of DATA3 by controlling the
register preset and clear. LABCTRL2 implements the clear by controlling
the register clear; LABCTRL2 does not have to feed the preset circuits.
Asynchronous Load with Preset
When implementing an asynchronous load in conjunction with preset, the
Altera software provides preset control by using the clear and inverting
the input and output of the register. Asserting LABCTRL2 presets the
register, while asserting LABCTRL1 loads the register. The Altera software
inverts the signal that drives DATA3 to account for the inversion of the
register’s output.
Asynchronous Load without Preset or Clear
When implementing an asynchronous load without preset or clear,
LABCTRL1
implements the asynchronous load of DATA3 by controlling the
register preset and clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com