Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 69Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 70Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 71Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 72Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 73Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 74Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 75Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 76Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
Altera Corporation
73
ACEX 1K Programmable Logic Device Family Data Sheet
13
Table 47. EP1K50 Device EAB Internal Timing Macroparameters
Note (1)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tEABAA
3.7
5.2
7.0
ns
tEABRCCOMB
3.7
5.2
7.0
ns
tEABRCREG
3.5
4.9
6.6
ns
tEABWP
2.0
2.8
3.8
ns
tEABWCCOMB
4.5
6.3
8.6
ns
tEABWCREG
5.6
7.8
10.6
ns
tEABDD
3.8
5.3
7.2
ns
tEABDATACO
0.8
1.1
1.5
ns
tEABDATASU
1.1
1.6
2.1
ns
tEABDATAH
0.0
0.0
0.0
ns
tEABWESU
0.7
1.0
1.3
ns
tEABWEH
0.4
0.6
0.8
ns
tEABWDSU
1.2
1.7
2.2
ns
tEABWDH
0.0
0.0
0.0
ns
tEABWASU
1.6
2.3
3.0
ns
tEABWAH
0.9
1.2
1.8
ns
tEABWO
3.1
4.3
5.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com