Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 62Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 63Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 64Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 65Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 66Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 67Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 68Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 69Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
66
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
tCOMB
0.4
0.4
0.6
ns
tSU
0.4
0.6
0.6
ns
tH
0.7
1.0
1.3
ns
tPRE
0.8
0.9
1.2
ns
tCLR
0.8
0.9
1.2
ns
tCH
2.0
2.5
2.5
ns
tCL
2.0
2.5
2.5
ns
Table 38. EP1K30 Device IOE Timing Microparameters
Note (1)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tIOD
2.4
2.8
3.8
ns
tIOC
0.3
0.4
0.5
ns
tIOCO
1.0
1.1
1.6
ns
tIOCOMB
0.0
0.0
0.0
ns
tIOSU
1.2
1.4
1.9
ns
tIOH
0.3
0.4
0.5
ns
tIOCLR
1.0
1.1
1.6
ns
tOD1
1.9
2.3
3.0
ns
tOD2
1.4
1.8
2.5
ns
tOD3
4.4
5.2
7.0
ns
tXZ
2.7
3.1
4.3
ns
tZX1
2.7
3.1
4.3
ns
tZX2
2.2
2.6
3.8
ns
tZX3
5.2
6.0
8.3
ns
tINREG
3.4
4.1
5.5
ns
tIOFD
0.8
1.3
2.4
ns
tINCOMB
0.8
1.3
2.4
ns
Table 37. EP1K30 Device LE Timing Microparameters (Part 2 of 2)
Note (1)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com