Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 43Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 44Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 45Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 46Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 47Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 48Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 49Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 50Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
Altera Corporation
47
ACEX 1K Programmable Logic Device Family Data Sheet
13
VOL
3.3-V low-level TTL output
voltage
IOL = 12 mA DC,
VCCIO = 3.00 V (10)
0.45
V
3.3-V low-level CMOS output
voltage
IOL = 0.1 mA DC,
VCCIO = 3.00 V (10)
0.2
V
3.3-V low-level PCI output
voltage
IOL = 1.5 mA DC,
VCCIO = 3.00 to 3.60 V
(10)
0.1
× V
CCIO
V
2.5-V low-level output voltage IOL = 0.1 mA DC,
VCCIO = 2.375 V (10)
0.2
V
IOL = 1 mA DC,
VCCIO = 2.375 V (10)
0.4
V
IOL = 2 mA DC,
VCCIO = 2.375 V (10)
0.7
V
II
Input pin leakage current
VI = 5.3 to –0.3 V (11)
–10
10
µA
IOZ
Tri-stated I/O pin leakage
current
VO = 5.3 to –0.3 V (11)
–10
10
µA
ICC0
VCC supply current (standby) VI = ground, no load,
no toggling inputs
5mA
VI = ground, no load,
no toggling inputs (12)
10
mA
RCONF
Value of I/O pin pull-up
resistor before and during
configuration
VCCIO = 3.0 V (13)
20
50
k
Ω
VCCIO = 2.375 V (13)
30
80
k
Ω
Table 20. ACEX 1K Device DC Operating Conditions (Part 2 of 2)
Notes (6), (7)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com