Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 27Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 28Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 29Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 30Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
30
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Figure 15. ACEX 1K Bidirectional I/O Registers
VCC
OE[7..0]
CLK[1..0]
ENA[5..0]
CLRN[1..0]
Peripheral
Control Bus
CLRN
DQ
ENA
VCC
2 Dedicated
Clock Inputs
Slew-Rate
Control
Open-Drain
Output
Chip-Wide
Output Enable
CLK[3..2]
2
12
VCC
VCC
Chip-Wide
Reset
Programmable Delay
4 Dedicated
Inputs
Row and Column
Interconnect
4
VCC
CLRN
DQ
ENA
Chip-Wide
Reset
CLRN
DQ
ENA
Chip-Wide
Reset
VCC
Input Register
Output Register
OE Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com