Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 38Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 39Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 40Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 41Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 42Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 43Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 44Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 45Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
42
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
IEEE Std.
1149.1 (JTAG)
Boundary-Scan
Support
All ACEX 1K devices provide JTAG BST circuitry that complies with the
IEEE Std. 1149.1-1990 specification. ACEX 1K devices can also be
configured using the JTAG pins through the ByteBlasterMV or BitBlaster
download cable, or via hardware that uses the JamTM Standard Test and
Programming Language (STAPL), JEDEC standard JESD-71. JTAG
boundary-scan testing can be performed before or after configuration, but
not during configuration. ACEX 1K devices support the JTAG
instructions shown in Table 14.
The instruction register length of ACEX 1K devices is 10 bits. The
USERCODE register length in ACEX 1K devices is 32 bits; 7 bits are
determined by the user, and 25 bits are pre-determined. Tables 15 and 16
show the boundary-scan register length and device IDCODE information
for ACEX 1K devices.
Table 14. ACEX 1K JTAG Instructions
JTAG Instruction
Description
SAMPLE/PRELOAD
Allows a snapshot of signals at the device pins to be captured and examined during
normal device operation and permits an initial data pattern to be output at the device
pins.
EXTEST
Allows the external circuitry and board-level interconnections to be tested by forcing a
test pattern at the output pins and capturing test results at the input pins.
BYPASS
Places the 1-bit bypass register between the TDI and TDO pins, allowing the BST data
to pass synchronously through a selected device to adjacent devices during normal
operation.
USERCODE
Selects the user electronic signature (USERCODE) register and places it between the
TDI
and TDO pins, allowing the USERCODE to be serially shifted out of TDO.
IDCODE
Selects the IDCODE register and places it between TDI and TDO, allowing the IDCODE
to be serially shifted out of TDO.
ICR Instructions
These instructions are used when configuring an ACEX 1K device via JTAG ports using
a MasterBlaster, ByteBlasterMV, or BitBlaster download cable, or a Jam File (.jam) or
Jam Byte-Code File (.jbc) via an embedded processor.
Table 15. ACEX 1K Boundary-Scan Register Length
Device
Boundary-Scan Register Length
EP1K10
438
EP1K30
690
EP1K50
798
EP1K100
1,050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com