Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
Altera Corporation
23
ACEX 1K Programmable Logic Device Family Data Sheet
13
Clearable Counter Mode
The clearable counter mode is similar to the up/down counter mode, but
it supports a synchronous clear instead of the up/down control. The clear
function is substituted for the cascade-in signal in the up/down counter
mode. Two 3-input LUTs are used; one generates the counter data, and
the other generates the fast carry bit. Synchronous loading is provided by
a 2-to-1 multiplexer. The output of this multiplexer is ANDed with a
synchronous clear signal.
Internal Tri-State Emulation
Internal tri-state emulation provides internal tri-states without the
limitations of a physical tri-state bus. In a physical tri-state bus, the
tri-state buffers’ output enable (OE) signals select which signal drives the
bus. However, if multiple OE signals are active, contending signals can be
driven onto the bus. Conversely, if no OE signals are active, the bus will
float. Internal tri-state emulation resolves contending tri-state buffers to a
low value and floating buses to a high value, thereby eliminating these
problems. The Altera software automatically implements tri-state bus
functionality with a multiplexer.
Clear & Preset Logic Control
Logic for the programmable register’s clear and preset functions is
controlled by the DATA3, LABCTRL1, and LABCTRL2 inputs to the LE. The
clear and preset control structure of the LE asynchronously loads signals
into a register. Either LABCTRL1 or LABCTRL2 can control the
asynchronous clear. Alternatively, the register can be set up so that
LABCTRL1
implements an asynchronous load. The data to be loaded is
driven to DATA3; when LABCTRL1 is asserted, DATA3 is loaded into the
register.
During compilation, the compiler automatically selects the best control
signal implementation. Because the clear and preset functions are active-
low, the Compiler automatically assigns a logic high to an unused clear or
preset.
The clear and preset logic is implemented in one of the following six
modes chosen during design entry:
s
Asynchronous clear
s
Asynchronous preset
s
Asynchronous clear and preset
s
Asynchronous load with clear
s
Asynchronous load with preset
s
Asynchronous load without clear or preset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com